Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7721DF Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP7721DF
Description  10W Stereo Class D Single Ended Audio Amplifier EV Board
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP7721DF Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP7721DF Datasheet HTML 1Page - Monolithic Power Systems MP7721DF Datasheet HTML 2Page - Monolithic Power Systems MP7721DF Datasheet HTML 3Page - Monolithic Power Systems MP7721DF Datasheet HTML 4Page - Monolithic Power Systems MP7721DF Datasheet HTML 5Page - Monolithic Power Systems MP7721DF Datasheet HTML 6Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
EV7721DF-00A
10W Stereo Class D
Single Ended Audio Amplifier EV Board
EV7721DF-00A Rev. 1.0
www.MonolithicPower.com
1
10/2/2012
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The EV7721DF-00A is the evaluation board for
the MP7721, a stereo 10W Class D Audio
Amplifier. It is one of MPS’ productions of fully
integrated audio amplifiers which dramatically
reduces solution size by integrating the
following:
 250mΩ power MOSFETs
 Startup / Shutdown pop elimination
 Short circuit protection circuits
 Mute / Standby
The MP7721 utilizes a single ended output
structure capable of delivering 2x10W into 8Ω
speakers. MPS Class D Audio Amplifiers exhibit
the high fidelity of a Class A/B amplifier at
efficiencies greater than 90%. The circuit is
based on the MPS’ AAMTM proprietary variable
frequency topology that delivers excellent
linearity, fast response time and operates on a
single power supply.
ELECTRICAL SPECIFICATIONS
Parameter
Symbol
Value
Units
Supply Voltage
VDD
24
V
FEATURES
 10W Output at VDD = 24V into a 8Ω load
 THD+N = 0.06% at 1W, 8Ω
 93% Efficiency at 10W
 Low Noise (190μV Typical)
 9.5V to 24V Operation from a Single Supply
 Mute/Standby Modes (Sleep)
APPLICATIONS
 Flat Panel and Projection Televisions
 DVD and Surround Sound Systems
 Flat Panel Monitors
 Multimedia Computers
 Home Stereo Systems
“MPS” and “The Future of Analog IC Technology” are Trademarks of Monolithic
Power Systems, Inc.
AAM (Analog Adaptive Modulation) is a Trademark of Monolithic Power
Systems, Inc.
EV7721DF-00A EVALUATION BOARD
(L x W x H) 3.5” x 2.4” x 1.2”
8.9cm x 6.1cm x 3.0cm
Board Number
MPS IC Number
EV7721DF-00A
MP7721DF
POUT (W)
20
10
1
0.1
0.01
0.1
1
10


Similar Part No. - MP7721DF

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP7721DF MPS-MP7721DF Datasheet
369Kb / 10P
2 x 10W Class D Stereo Single Ended Audio Amplifer
More results

Similar Description - MP7721DF

ManufacturerPart #DatasheetDescription
logo
Power Analog Micoelectr...
PAM8006 PAM-PAM8006 Datasheet
712Kb / 15P
10W Stereo Class-D Audio Power Amplifier
logo
Monolithic Power System...
MP7721 MPS-MP7721 Datasheet
369Kb / 10P
2 x 10W Class D Stereo Single Ended Audio Amplifer
EV7720DS-00A MPS-EV7720DS-00A Datasheet
403Kb / 7P
20W Stereo Class D Single Ended Audio Amplifier Evaluation Board
EV7722DF-02A MPS-EV7722DF-02A Datasheet
433Kb / 7P
20W Stereo Class D Single Ended Audio Amplifier Evaluation Board
EV7741DQ-00A MPS-EV7741DQ-00A Datasheet
273Kb / 6P
2x10W Stereo Single Ended Class D Audio Amplifier Evaluation Board
EV7742DF-00B MPS-EV7742DF-00B Datasheet
233Kb / 5P
2X 15W Stereo Class D Single Ended Audio Amplifier EV Board
EV7745DF-01A MPS-EV7745DF-01A Datasheet
284Kb / 6P
20W Stereo Class D Single Ended Audio Amplifier EV Board
EV7747DQ-00A MPS-EV7747DQ-00A Datasheet
259Kb / 6P
2x20W Stereo Single Ended Class D Audio Amplifier Evaluation Board
logo
Diodes Incorporated
PAM8106 DIODES-PAM8106 Datasheet
618Kb / 13P
10W Stereo Class-D Audio Power Amplifier
Rev 1
logo
AiT Semiconductor Inc.
A2410 AITSEMI-A2410 Datasheet
1Mb / 11P
AUDIO AMPLIFIER 10W STEREO CLASS-D AUDIO POWER AMPLIFIER
REV2.1
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com