Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7721DF Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP7721DF
Description  10W Stereo Class D Single Ended Audio Amplifier EV Board
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP7721DF Datasheet(HTML) 6 Page - Monolithic Power Systems

  MP7721DF Datasheet HTML 1Page - Monolithic Power Systems MP7721DF Datasheet HTML 2Page - Monolithic Power Systems MP7721DF Datasheet HTML 3Page - Monolithic Power Systems MP7721DF Datasheet HTML 4Page - Monolithic Power Systems MP7721DF Datasheet HTML 5Page - Monolithic Power Systems MP7721DF Datasheet HTML 6Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
EV7721DF-00A – 10W STEREO CLASS D SINGLE ENDED AUDIO AMPLIFIER EV BOARD
NOTICE:
The information in this document is subject to change without notice. Please contact MPS for current specifications.
Users should warrant and guarantee that third party Intellectual Property rights are not infringed upon when integrating MPS
products into any application. MPS will not assume any legal responsibility for any said applications.
EV7721DF-00A Rev. 1.0
www.MonolithicPower.com
6
10/2/2012
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
QUICK START GUIDE
This board set up from the factory for 24V operation. To use with a 12V power supply, adjust the
components as specified in the 12V Operation Modifications section below. For more information,
consult the MP7721 datasheet.
Figure 5—EV7721DF-00A Connection Diagram
1. Power Requirements
a. Power supply: 9.5V to 24V, 3A maximum.
b. 0V to 1VRMS (max) audio signal source.
c. Speaker: 8Ω.
2. Setup Condition for 24V Operation
a. Adjust the power supply to 24V (do not turn on).
b. Connect the outputs to the external speakers.
c. Connect the power supply to the VDD terminals.
d. Set the enable switch to the DISABLE position.
e. Connect the audio input signal source to the amplifier inputs (IN1, IN2).
f. Turn on the power supply to apply power to the board.
3. 12V Operation Modifications
a. Change C6 to 2.2nF and C15 to 1.8nF components.
b. Remove R24 from the demo board.
c. Adjust the power supply to 12V (do not turn on).
d. Do as step b~f specified in Section 2.
4. Music Turn-On Sequence
a. Set the enable switch to the ENABLE position.
5. Music Turn-Off Sequence
a. Set the enable switch to the DISABLE position.
b. Turn off power supply.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com