Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7742DF Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP7742DF
Description  2X 15W Stereo Class D Single Ended Audio Amplifier EV Board
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP7742DF Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP7742DF Datasheet HTML 1Page - Monolithic Power Systems MP7742DF Datasheet HTML 2Page - Monolithic Power Systems MP7742DF Datasheet HTML 3Page - Monolithic Power Systems MP7742DF Datasheet HTML 4Page - Monolithic Power Systems MP7742DF Datasheet HTML 5Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
EV7742DF-00B – 15W STEREO CLASS D SINGLE ENDED AUDIO AMPLIFIER
EV7742DF-00B Rev. 1.0
www.MonolithicPower.com
3
5/29/2009
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2009 MPS. All Rights Reserved.
EV7742DF-00B BILL OF MATERIALS
Qty
Ref
Value
Description
Package
Manufacturer Manufacturer P/N
2
C1, C2
2.2uF
Electrolytic Capacitor,
50V
Radial
Rubycon
1
C3
5.6nF
Ceramic Capacitor,
50V, X7R
0603
muRata
GRM188R71H562KA01
1
C4
4.7nF
Ceramic Capacitor,
50V, X7R
0603
muRata
GRM188R71H472KA01D
2
C5, C6
10uF
Electrolytic Capacitor,
50V
Radial
Rubycon
2
C7, C8
22pF
Ceramic Capacitor,
50V, C0G
0603
muRata
GRM1885C1H220JA01D
2
C9, C10
2.2uF
Ceramic Capacitor,
50V, X7R
1206
muRata
GRM31CR71H225KA88L
2
C11, C12
0.47uF
Ceramic Capacitor,
16V, X7R
0603
muRata
GRM188R71C474KA88D
2
C13, C14
390pF
Ceramic Capacitor,
50V, C0G
0603
muRata
GRM1885C1H3901JA01
2
C15, C16
0.47uF
FILM, 50V
Radial
any
2
C17,C18
1000uF
Electrolytic Capacitor,
50V
Radial
Rubycon
4
C19, C20,
C27, C28
0.1uF
Ceramic Capacitor,
50V, X7R
0603
muRata
GRM188R71H104KA93D
2
C21, C22
100uF
Electrolytic Capacitor,
50V
Radial
Rubycon
1
C23
2200uF
Electrolytic Capacitor,
50V
Radial
Rubycon
4
D1, D2,
D3, D4
Diode Schottky, 40V,
1A
SMB
IR
MBRS140LTR
2
FB1, FB2
Ferrite Bead, 6A
1206
LION
PB321611-320
1
SW1
DPDT Slide Switch
2
CN1,CN2
Phone Jack, Female
1
CN3
Banana Jack
Connector
1
TP1
Test Point/EXT.EN
1
SP1
Speaker Connector
2
L1, L2
10uH
Inductor, 3.61A
Radial
Toko
10RHBP-#A671HN-100L
2
R1,R2
NC
6
R3, R4,
R18, R19,
R20, R21
10K
Film Res., 1%
0603
Yageo
RC0603FR-0710KL
5
R5, R6,
R7, R8,
R15
100K
Film Res., 1%
0603
Yageo
RC0603FR-07100KL
2
R9, R10
82.5K
Film Res., 1%
0603
Yageo
RC0603FR-0782K5L
4
R11, R12,
R13, R14
10
Film Res., 5%
0603
0603SAJ0100T5E
2
R16,R22
30.1K
Film Res., 1%
0603
Yageo
RC0603FR-0730K1L
1
R17
200K
Film Res., 5%
0603
Yageo
RC0603JR-07200KL
1
U1
Class D Audio Amplifier
TSSOP2
0F
MPS
MP7742DF



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com