Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7742DF Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP7742DF
Description  2X 15W Stereo Class D Single Ended Audio Amplifier EV Board
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP7742DF Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP7742DF Datasheet HTML 1Page - Monolithic Power Systems MP7742DF Datasheet HTML 2Page - Monolithic Power Systems MP7742DF Datasheet HTML 3Page - Monolithic Power Systems MP7742DF Datasheet HTML 4Page - Monolithic Power Systems MP7742DF Datasheet HTML 5Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
EV7742DF-00B – 15W STEREO CLASS D SINGLE ENDED AUDIO AMPLIFIER
EV7742DF-00B Rev. 1.0
www.MonolithicPower.com
4
5/29/2009
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2009 MPS. All Rights Reserved.
PRINTED CIRCUIT BOARD LAYOUT
Figure 1—Top Silk Layer
Figure 2—Top Layer
Figure 3—Bottom Silk Layer
Figure 4—Bottom Layer
EFFICIENCY CURVE
Input Signal Freq=1kHz
VDD (V)
POUT vs.VDD
0
0
5
10
15
20
25
510
15
20 25
30 35
POUT (W)
0
10
20
30
40
50
60
70
80
90
100
Efficiency vs. POUT
VDD=24V,Input Signal Freq=1kHz
2
0
4 6
8 10 12 14 16 18



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com