Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7742DF Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP7742DF
Description  2X 15W Stereo Class D Single Ended Audio Amplifier EV Board
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP7742DF Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP7742DF Datasheet HTML 1Page - Monolithic Power Systems MP7742DF Datasheet HTML 2Page - Monolithic Power Systems MP7742DF Datasheet HTML 3Page - Monolithic Power Systems MP7742DF Datasheet HTML 4Page - Monolithic Power Systems MP7742DF Datasheet HTML 5Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
EV7742DF-00B
2X 15W Stereo Class D
Single Ended Audio Amplifier EV Board
EV7742DF-00B Rev. 1.0
www.MonolithicPower.com
1
5/29/2009
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2009 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The EV7742DF-00B is the evaluation board for
the MP7742, a stereo 15W Class D Audio
Amplifier. It is one of MPS’ products of fully
integrated audio amplifiers which dramatically
reduces solution size by integrating the
following:
• 250mΩ power MOSFETs
• Startup / Shutdown pop elimination
• Short circuit protection circuits
The MP7742 utilizes a single ended output
structure capable of delivering 2x15W into 4Ω
speakers. MPS Class D Audio Amplifiers exhibit
the high fidelity of a Class A/B amplifier at high
efficiency. The circuit is based on the MPS’
AAMTM proprietary variable frequency topology
that delivers excellent linearity, fast response
time and operates on a single power supply.
ELECTRICAL SPECIFICATIONS
Parameter
Symbol
Value
Units
Supply Voltage
VDD
24
V
FEATURES
• 15W Output at VDD = 24V into a 4Ω load
• THD+N = 0.018% at 1W, 8Ω, 1kHz
• 90% Efficiency at 15W and VDD=24V with
4Ω load
• Low Noise (103µV Typical)
• 9.5V to 28V Operation from a Single Supply
APPLICATIONS
• Flat Panel TV
• Portable Docking Stations
• Surround Sound DVD Systems
• Televisions
• Multimedia Computers
• Home Stereo Systems
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
AAM (Analog Adaptive Modulation) is a Trademark of Monolithic Power
Systems, Inc.
EV7742DF-00B EVALUATION BOARD
(L x W x H) 3.5” x 2.4” x 1.2”
8.9cm x 6.1cm x 3.0cm
Board Number
MPS IC Number
EV7742DF-00B
MP7742DF


Similar Part No. - MP7742DF

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP7742DF MPS-MP7742DF Datasheet
455Kb / 13P
2 x 15W Class D Stereo Single Ended Audio Amplifer
More results

Similar Description - MP7742DF

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APA2614 ANPEC-APA2614 Datasheet
478Kb / 25P
15W Stereo Class-D Audio Power Amplifier
logo
Monolithic Power System...
MP7742 MPS-MP7742 Datasheet
455Kb / 13P
2 x 15W Class D Stereo Single Ended Audio Amplifer
logo
Anpec Electronics Corop...
APA6003 ANPEC-APA6003 Datasheet
351Kb / 22P
15W Stereo Class D Audio Power Amplifier
logo
Monolithic Power System...
EV7721DF-00A MPS-EV7721DF-00A Datasheet
228Kb / 6P
10W Stereo Class D Single Ended Audio Amplifier EV Board
EV7740DN-01B MPS-EV7740DN-01B Datasheet
279Kb / 5P
15W Stereo Class D Single Ended Audio Amplifier
EV7741DQ-00A MPS-EV7741DQ-00A Datasheet
273Kb / 6P
2x10W Stereo Single Ended Class D Audio Amplifier Evaluation Board
EV7745DF-01A MPS-EV7745DF-01A Datasheet
284Kb / 6P
20W Stereo Class D Single Ended Audio Amplifier EV Board
EV7747DQ-00A MPS-EV7747DQ-00A Datasheet
259Kb / 6P
2x20W Stereo Single Ended Class D Audio Amplifier Evaluation Board
logo
Anpec Electronics Corop...
APA2619 ANPEC-APA2619 Datasheet
423Kb / 23P
15W Stereo Class-D Audio Power Amplifier
APA2622 ANPEC-APA2622 Datasheet
1Mb / 30P
15W Stereo Class-D Audio Power Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com