Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7782DF Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP7782DF
Description  40W Class D Stereo Bridged Audio Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP7782DF Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP7782DF Datasheet HTML 1Page - Monolithic Power Systems MP7782DF Datasheet HTML 2Page - Monolithic Power Systems MP7782DF Datasheet HTML 3Page - Monolithic Power Systems MP7782DF Datasheet HTML 4Page - Monolithic Power Systems MP7782DF Datasheet HTML 5Page - Monolithic Power Systems MP7782DF Datasheet HTML 6Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
EV7782DF-01A – 40W CLASS D STEREO BRIDGED AUDIO AMPLIFIER
EV7782DF-01A Rev. 1.0
www.MonolithicPower.com
3
10/19/2007
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2007 MPS. All Rights Reserved.
EV7782DF-01A BILL OF MATERIALS
Qty
Ref
Value
Description
Package
Manufacturer P/N
Distributor P/N
2
C10, C28
1nF
Ceramic Capacitor, 50V,
X7R
0603
TDK
C1608X7R1H102K
Digikey
445-1308-1-ND
5
C8, C13,
C18, C26,
C31
1µF
Ceramic Capacitor, 16V,
X5R
0603
TDK
C1608X5R1C105K
Digikey
445-1416-1-ND
4
C6, C14,
C24, C32
2pF
Ceramic Capacitor, 50V,
NPO
0603
Panasonic
ECJ-1VC1H020C
Digikey
PCC020CVCT-ND
4
C36, C37,
C38, C39
3.9nF
Ceramic Capacitor, 50V,
X7R
0603
Panasonic
ECJ-1VB1H392K
Digikey
PCC1779CT-ND
4
C4, C15,
C22, C33
15pF
Ceramic Capacitor, 50V,
NPO
0603
TDK
C1608C0G1H150J
Digikey
445-1271-1-ND
4
C1, C16,
C19, C34
Do Not Stuff
0603
4
C5, C11,
C23, C29
1µF
Ceramic Capacitor, 25V,
X7R
1206
TDK
C3216X7R1E105K
Digikey
445-1381-1-ND
4
C7, C12,
C25, C30
2.2µF
Electrolytic Capacitor, 50V,
NHG
Radial
Panasonic
ECA-1HHG2R2
Digikey
P5564-ND
4
C2, C17,
C20, C35
0.22µF
Film Capacitor, 50V,
V-Series
Radial
Panasonic
ECQ-V1H224JL
Digikey
P4667-ND
2
C9, C27
0.68µF
Film Capacitor, 50V,
V-Series
Radial
Panasonic
ECQ-V1H684JL
Digikey
P4673-ND
2
C3, C21
470µF
Electrolytic Capacitor, 25V,
NHG
Radial
Panasonic
ECA-1EHG471
Digikey
P5543-ND
1
C45
100µF
Electrolytic Capacitor, 35V,
NHG
Radial
Panasonic
ECA-1VHG101
Digikey
P5551-ND
1
CN1
6-Pin Header, 0.1"
6
D1, D8,
D9, D16,
D17, D18
Diode Switch, 75V, 200mW
SOD323
Diodes Inc.
1N4148WS-7
Digikey
1N4148WSDICT-ND
4
D2, D5,
D10, D13
Diode Schottky, 40V, 1A
SOD123
Diodes Inc.
1N5819HW-7
Digikey
1N5819HWDICT-ND
4
D4, D7,
D12, D15
Diode Zener, 6.2V, 200mW
SOD323
Diodes Inc.
BZT52C6V2S-7
Digikey
BZT52C6V2SDICT-
ND
4
D3, D6,
D11, D14
Diode Schottky, 30V, 1A
SMB
IR
MBRS130LTR
Digikey
MBRS130LCT-ND
1
D21
Diode Zener, 12V, 200mW
SOD323
Diodes Inc.
BZT52C12S-7
Digikey
BZT52C12SDICT-ND
1
D19
Diode Zener, 2.7V, 200mW
SOD323
Diodes Inc.
BZT52C2V7S-7
Digikey
BZT52C2V7SDICT-
ND
1
D20
Diode Zener, 2.4V, 200mW
SOD323
Diodes Inc.
BZT52C2V4S-7
Digikey
BZT52C2V4SDICT-
ND
2
FB1, FB2
Ferrite Bead, 6A
1206
Steward
HI1206T500R-00
Digikey
240-1009-1-ND
1
JP1
3-Pin Header, 0.1"



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com