Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7782DF Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP7782DF
Description  40W Class D Stereo Bridged Audio Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP7782DF Datasheet(HTML) 6 Page - Monolithic Power Systems

  MP7782DF Datasheet HTML 1Page - Monolithic Power Systems MP7782DF Datasheet HTML 2Page - Monolithic Power Systems MP7782DF Datasheet HTML 3Page - Monolithic Power Systems MP7782DF Datasheet HTML 4Page - Monolithic Power Systems MP7782DF Datasheet HTML 5Page - Monolithic Power Systems MP7782DF Datasheet HTML 6Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
EV7782DF-01A – 40W CLASS D STEREO BRIDGED AUDIO AMPLIFIER
NOTICE:
The information in this document is subject to change without notice. Please contact MPS for current specifications.
Users should warrant and guarantee that third party Intellectual Property rights are not infringed upon when integrating MPS
products into any application. MPS will not assume any legal responsibility for any said applications.
EV7782DF-01A Rev. 1.0
www.MonolithicPower.com
6
10/19/2007
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2007 MPS. All Rights Reserved.
QUICK START GUIDE
This board is factory set for 24V operation.
1. Power Requirements
a. Power supply: 24V.
b. 0V to 1VRMS (max) audio signal source.
c. Speaker: 8Ω or greater load resistance.
2. Setup Conditions
a. Connect the outputs to the external speakers.
b. Adjust the power supply to 24V, (do not turn on).
c. Connect the power supply to the VDD terminals.
d. Disable the amplifier by removing the enable jumper JP1.
e. Connect the audio input signal source to the amplifier inputs (IN1, IN2).
f. Turn on the power supply to apply power to the board.
3. Music Turn-On Sequence
a. Enable the amplifier by placing jumper JP1.
b. Audio should be heard from the speaker(s)
4. Music Turn-Off Sequence
a. Set the enable switch to the DISABLE position, again by removing jumper JP1.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com