Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7782DF Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP7782DF
Description  40W Class D Stereo Bridged Audio Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP7782DF Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP7782DF Datasheet HTML 1Page - Monolithic Power Systems MP7782DF Datasheet HTML 2Page - Monolithic Power Systems MP7782DF Datasheet HTML 3Page - Monolithic Power Systems MP7782DF Datasheet HTML 4Page - Monolithic Power Systems MP7782DF Datasheet HTML 5Page - Monolithic Power Systems MP7782DF Datasheet HTML 6Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
EV7782DF-01A – 40W CLASS D STEREO BRIDGED AUDIO AMPLIFIER
EV7782DF-01A Rev. 1.0
www.MonolithicPower.com
4
10/19/2007
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2007 MPS. All Rights Reserved.
EV7782DF-01A BILL OF MATERIALS (continued)
Qty
Ref
Value
Description
Package
Manufacturer P/N
Distributor P/N
4
L1, L2, L3,
L4
10µH
Inductor, 2.6A, 8RDY
Radial
Toko
A7040HN-100M
1
Q1
Transistor, PNP, 40V
SOT-23
Fairchild
MMBT3906
Digikey
MMBT3906FSCT-ND
1
Q2
Transistor, NPN, 40V
SOT-23
Fairchild
MMBT3904
Digikey
MMBT3904FSCT-ND
4
R2, R9,
R12, R20
0Ω
Film Resistor, 5%
0603
Panasonic
ERJ-3GEY0R00V
Digikey
P0.0GCT-ND
5
R5, R16,
R34, R33,
R35
1kΩ
Film Resistor, 5%
0603
Panasonic
ERJ-3GEYJ102V
Digikey
P1.0KGCT-ND
9
R4, R6,
R15, R17,
R22, R24,
R36, R38,
R39
10kΩ
Film Resistor, 5%
0603
Panasonic
ERJ-3GEYJ103V
Digikey
P10KGCT-ND
8
R3, R7,
R14, R18,
R21, R23,
R30, R31
20kΩ
Film Resistor, 5%
0603
Panasonic
ERJ-3GEYJ203V
Digikey
P20KGCT-ND
1
R26
20.5kΩ Film Resistor, 1%
0603
Panasonic
ERJ-3EKF2052V
Digikey
P20.5KHCT-ND
5
R1, R8,
R11, R19,
R25
100kΩ Film Resistor, 1%
0603
Panasonic
ERJ-3EKF1003V
Digikey
P100KHCT-ND
4
R10, R27,
R28, R29
5.1Ω
Film Resistor, 5%
1206
Panasonic
ERJ-8GEYJ5R1V
Digikey
P5.1ECT-ND
2
U1, U2
Class D Audio Amplifier
TSSOP20
MPS
MP7782DF



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com