Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST13LP05 Datasheet(PDF) 23 Page - Microchip Technology

Part # SST13LP05
Description  2.4-2.5 GHz / 4.9-5.8 GHz Dual-Band Power Amplifier Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST13LP05 Datasheet(HTML) 23 Page - Microchip Technology

Back Button SST13LP05 Datasheet HTML 16Page - Microchip Technology SST13LP05 Datasheet HTML 17Page - Microchip Technology SST13LP05 Datasheet HTML 18Page - Microchip Technology SST13LP05 Datasheet HTML 19Page - Microchip Technology SST13LP05 Datasheet HTML 20Page - Microchip Technology SST13LP05 Datasheet HTML 21Page - Microchip Technology SST13LP05 Datasheet HTML 22Page - Microchip Technology SST13LP05 Datasheet HTML 23Page - Microchip Technology SST13LP05 Datasheet HTML 24Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
Microchip Proprietary Information
©2012 Silicon Storage Technology, Inc.
DS75032A
10/12
23
2.4-2.5 GHz / 4.9-5.8 GHz Dual-Band Power Amplifier
SST13LP05
Data Sheet
Figure 24:16-Contact Low-profile, Fine-pitch, Land Grid Array (LFLGA)
SST Package Code: MLC
Note: 1. From the bottom view, the pin 1 indicator may be either a 45-degree chamfer or a half-circle notch.
2. The external paddle is electrically connected to the die back-side and should be soldered to the VSS
of the PC board. Connection of this paddle to any other voltage potential will result in shorts and/or
electrical malfunction of the device.
3. Untoleranced dimensions are nominal target values.
4. Land set back from body edge applies to all lands of package.
5. All linear dimensions are in millimeters (max/min).
16-LGA-4x4-MLC-0.0
2.7
Pin 1
0.0684 BSC4
2.7
1.40
1.20
Pin 1
Laser
Engraved
TOP VIEW
BOTTOM VIEW
SIDE VIEW
1mm
0.35
0.65 BSC
0.39
4.00
±0.10
4.00
±0.10
See notes
1 and 2
0.075



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com