Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST13LP05 Datasheet(PDF) 14 Page - Microchip Technology

Part # SST13LP05
Description  2.4-2.5 GHz / 4.9-5.8 GHz Dual-Band Power Amplifier Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST13LP05 Datasheet(HTML) 14 Page - Microchip Technology

Back Button SST13LP05 Datasheet HTML 10Page - Microchip Technology SST13LP05 Datasheet HTML 11Page - Microchip Technology SST13LP05 Datasheet HTML 12Page - Microchip Technology SST13LP05 Datasheet HTML 13Page - Microchip Technology SST13LP05 Datasheet HTML 14Page - Microchip Technology SST13LP05 Datasheet HTML 15Page - Microchip Technology SST13LP05 Datasheet HTML 16Page - Microchip Technology SST13LP05 Datasheet HTML 17Page - Microchip Technology SST13LP05 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
Microchip Proprietary Information
©2012 Silicon Storage Technology, Inc.
DS75032A
10/12
14
2.4-2.5 GHz / 4.9-5.8 GHz Dual-Band Power Amplifier
SST13LP05
Data Sheet
Test Conditions: VCC = 3.3V, VREF = 2.95V, 54 Mbps 802.11a OFDM Signal
Figure 13:High Band Output Power versus Input Power
Output Power versus Input Power
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
-22
-21
-20
-19
-18
-17
-16
-15
-14
-13
-12
-11
-10
-9
-8
-7
-6
-5
-4
Input Power (dBm)
Freq=4.920 GHz
Freq=5.180 GHz
Freq=5.320 GHz
Freq=5.805 GHz
1318 F17.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com