Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST13LP05 Datasheet(PDF) 6 Page - Microchip Technology

Part # SST13LP05
Description  2.4-2.5 GHz / 4.9-5.8 GHz Dual-Band Power Amplifier Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST13LP05 Datasheet(HTML) 6 Page - Microchip Technology

Back Button SST13LP05 Datasheet HTML 2Page - Microchip Technology SST13LP05 Datasheet HTML 3Page - Microchip Technology SST13LP05 Datasheet HTML 4Page - Microchip Technology SST13LP05 Datasheet HTML 5Page - Microchip Technology SST13LP05 Datasheet HTML 6Page - Microchip Technology SST13LP05 Datasheet HTML 7Page - Microchip Technology SST13LP05 Datasheet HTML 8Page - Microchip Technology SST13LP05 Datasheet HTML 9Page - Microchip Technology SST13LP05 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
Microchip Proprietary Information
©2012 Silicon Storage Technology, Inc.
DS75032A
10/12
6
2.4-2.5 GHz / 4.9-5.8 GHz Dual-Band Power Amplifier
SST13LP05
Data Sheet
For 802.11a Operation
Table 4: DC Electrical Characteristics
Symbol
Parameter
Min.
Typ
Max.
Unit
VCC
Supply Voltage
3
3.3
3.6
V
ICC
Supply Current
for 802.11a, 18 dBm
270
mA
IREG
Analog control current at On state
2
A
VREG
Reference Voltage
2.95
V
T4.1 75032
Table 5: AC Electrical Characteristics for Configuration
Symbol
Parameter
Min.
Typ
Max.
Unit
FL-U
Frequency range
4.92
5.805
GHz
G
Small signal gain across 4.9- 5.8 GHz
26
dB
GVAR1
Gain variation over temperature 0
°C–85°C-1
1
dB
GVAR2
Gain flatness over any 100 MHz bandwidth
-0.5
0.5
dB
ACPR
Meet 11a OFDM 54 Mbps spectrum mask
22
22.5
dBm
Added EVM
POUT = 18 dBm with 54Mbps
-28
dB
11aOFDM signal when operating at 3.3V Vcc
4
%
2f, 3f, 4f, 5f
Harmonics at 20 dBm
-45
dBc
T5.1 75032



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com