Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3095 Datasheet(PDF) 9 Page - Linear Technology

Part # LT3095
Description  Dual-Channel Low Noise Bias Generators
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3095 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT3095 Datasheet HTML 5Page - Linear Technology LT3095 Datasheet HTML 6Page - Linear Technology LT3095 Datasheet HTML 7Page - Linear Technology LT3095 Datasheet HTML 8Page - Linear Technology LT3095 Datasheet HTML 9Page - Linear Technology LT3095 Datasheet HTML 10Page - Linear Technology LT3095 Datasheet HTML 11Page - Linear Technology LT3095 Datasheet HTML 12Page - Linear Technology LT3095 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
LT3095
9
3095fa
For more information www.linear.com/LT3095
PIN FUNCTIONS
GND (Pins 1, 5, 7, 14, 16, 20, Exposed Pad Pin 25):
Ground. Tie the exposed pad Pin 25 directly to all other
GND pins for optimum performance. The exposed pad
provides enhanced thermal performance with its connec-
tion to the PCB ground.
BSTOUT1 (Pin 2): Channel 1 Step-Up Regulator Output.
This pin is Channel 1’s boost converter output. Connect
BSTOUT1 directly to LDOIN1. Connect the boost output
capacitordirectlyfromBSTOUT1toPin1’sGND.Aninternal
feedback loop regulates BSTOUT1’s voltage typically to
(OUT1 + 2V). This optimizes transient response and PSRR
performance of the Linear Regulator.
NC (Pin 3): No Connect. Pin 3 has no internal electrical
connection and may be floated or tied to GND.
INTVCC (Pin 4): Internal Regulator Output. INTVCC powers
most of the internal circuitry for both channels. It nomi-
nally regulates to 2.7V. INTVCC is not designed to power
any external load and should not be driven. Connect a
minimum value 0.1µF or higher ceramic capacitor directly
from INTVCC to Pin 5’s GND.
LDOIN1(Pin6):Channel1LinearRegulatorInput. Thispin
is Channel 1’s linear regulator input supply pin. Connect
Pin 6 directly to BSTOUT1 at Pin 2.
OUT1 (Pin 8): Channel 1 Linear Regulator Output. This
pin supplies power to Channel 1’s load. Use a minimum
value 2.2µF ceramic capacitor with an ESR less than 0.1Ω
to prevent oscillations. Large load transient applications
require larger value output capacitors to limit peak volt-
age transients. See the applications information section
for more information on output capacitance. Connect the
output capacitor and the load directly to Pin 7’s GND.
SET1 (Pin 9): Output Voltage Set. This pin is the non-
inverting input to Channel 1’s LDO error amplifier and the
regulationsetpoint.Aprecision,trimmed50µAflowsoutof
SET1. Connecting a resistor from SET1 to GND programs
Channel 1’s output voltage (VOUT = 50µA • RSET1, Ohm’s
Law). Output voltage ranges from 1V to 20V. Connecting
a capacitor from SET1 to Pin 7’s GND improves transient
response, PSRR, noise performance and soft starts the
output.SET1requiresaminimumcapacitorof10nF.Larger
value capacitors reduce output noise while correspond-
ingly increasing startup time. For precision applications,
anexternalreferenceorpowersupplymaydriveSET1(see
ApplicationsInformationsection).Thispowersupplymust
be current-limited to < 1mA or diode-clamped to exceed
VLDOIN1 by no more than 1V.
EN1(Pin10):Channel1’sEnable.PullingEN1lowdisables
Channel 1’s boost converter and linear regulator, thus
turning the output off. Its typical rising threshold is 1.23V
with 125mV of hysteresis. Pulling both EN1 and EN2 low
activates the micropower shutdown state in which internal
circuit blocks shared by both channels are also disabled.
EN1 can be used as a digital shutdown pin or, with the
use of an external resistor divider, an external VIN UVLO
threshold can be programmed. If EN1 is unused, tie EN1
to VIN. Do not float EN1.
EN2 (Pin 11): Channel 2’s Enable. Pulling EN2 low turns
off Channel 2’s boost converter and linear regulator, thus
turning the output off. Its typical rising threshold is 1.23V
with 125mV of hysteresis. Pulling both EN1 and EN2 low
activates the micropower shutdown state in which internal
circuit blocks shared by both channels are also disabled.
EN2 can be used as a shutdown pin or, with the use of an
external resistor divider, an external VIN UVLO threshold
can be programmed. If EN2 is unused, tie EN2 to VIN. Do
not float EN2.
SET2 (Pin 12): Output Voltage Set. This pin is the non-
inverting input to Channel 2’s LDO error amplifier and the
regulationsetpoint.Aprecision,trimmed50µAflowsoutof
SET2. Connecting a resistor from SET2 to GND programs
Channel 2’s output voltage (VOUT2 = 50µA • RSET2, Ohm’s
Law). Output voltage ranges from 1V to 20V. Connecting a
capacitor from SET2 to Pin 14’s GND improves transient
response, PSRR, noise performance and soft starts the
output.SET2requiresaminimumcapacitorof10nF.Larger
value capacitors reduce output noise while correspond-
ingly increasing startup time. For precision applications,
anexternalreferenceorpowersupplymaydriveSET2(see
ApplicationsInformationsection).Thispowersupplymust
be current-limited to < 1mA or diode-clamped to exceed
VLDOIN2 by no more than 1V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com