Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3095 Datasheet(PDF) 13 Page - Linear Technology

Part # LT3095
Description  Dual-Channel Low Noise Bias Generators
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3095 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT3095 Datasheet HTML 9Page - Linear Technology LT3095 Datasheet HTML 10Page - Linear Technology LT3095 Datasheet HTML 11Page - Linear Technology LT3095 Datasheet HTML 12Page - Linear Technology LT3095 Datasheet HTML 13Page - Linear Technology LT3095 Datasheet HTML 14Page - Linear Technology LT3095 Datasheet HTML 15Page - Linear Technology LT3095 Datasheet HTML 16Page - Linear Technology LT3095 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
LT3095
13
3095fa
For more information www.linear.com/LT3095
tor. As an example, the loop bandwidth driving a 50mA
load with COUT = 2.2µF is about 1MHz. With such a high
bandwidth, the parasitic series resistance and inductance
of the output capacitor can have a noticeable impact on the
loop dynamics near the unity gain frequency. If the phase
response of the loop is degraded, transient output ringing
can result and supply ripple rejection may suffer. Avoid
these problems by using ceramic capacitors with ESR less
than 100mΩ; place the capacitor as close as possible to
the OUT pin and return directly to the adjacent GND pin.
See the discussion of board layout below for an example
PCB design that meets these requirements.
If capacitor types with higher ESR (>100 mΩ) or lower
self-resonantfrequencies(<500kHz) mustbeused,itmay
be necessary to parallel several output capacitors. This
lowers the effective ESR and ESL and can have beneficial
effects on ripple rejection.
Using an output capacitor with a value greater than the
minimum 2.2µF can improve ripple rejection under certain
conditions, as shown in the Typical Performance plots.
However, due to limitations in parasitic electromagnetic
coupling, the advantages may not be dramatic in practice.
A value of 2.2µF is recommended for most applications.
SET Pin (Reference Bypass) Capacitance
Within the bandwidth of the linear regulator, wideband
thermal noise and injected ripple at the output of the
LT3095’s built-in reference (that is, the SET pin) are
replicated at the output. Minimize this source of noise
by using an external capacitor to bypass the SET pin.
Table 1 shows the total RMS output noise in a 10Hz to
100kHz bandwidth and a 1kHz to 20MHz bandwidth for
several different values of CSET in a typical application.
The lower-bandwidth measurement reflects thermal and
shotnoiseonly, whilethehigher-bandwidthmeasurement
includes residual ripple components from the switch-
ing converter. Both are influenced by the value of CSET.
A minimum of 10nF is required, but noise is reduced
substantially with CSET ≥ 100nF.
APPLICATIONS INFORMATION
Table 1. Output Noise for Different Values of CSET
CSET
VOUT-AC
(µVRMS 10Hz to 100kHz)
VOUT-AC
(µVRMS 1kHz to 20MHz)
10nF
35
40
47nF
15
25
100nF
12
25
470nF
7
25
1µF
4
25
Single channel operation, VIN = 5V, VOUT = 18V, ILOAD = 50mA,
COUT = 2.2µF, CBSTOUT = 10µF
A system level consideration that may limit the value
of CSET is start-up time: when the part is enabled from
shutdown, the SET pin voltage rises with a time constant
of RSET • CSET. Since OUT tracks SET, this causes the
linear regulator output to soft-start. If very fast startup is
required and noise performance cannot be compromised,
use an auxiliary circuit to speed up the start time or drive
the SET pin externally (see Typical Applications).
Effective Operating Capacitance
The effective capacitance of a multilayer ceramic capacitor
varies over temperature and DC bias conditions, and may
be considerably lower than the manufacturer’s nominal
value. To ensure stable operation of the LT3095, make
sure that the boost and linear regulator output capacitors
meet the minimum requirement in their actual operating
conditions, after accounting for temperature and DC bias.
ALL CAPACITORS X5R, 25V RATING
0805
1206
1210
DC BIAS VOLTAGE (V)
0
5
10
15
20
0
2
4
6
8
10
12
3095 F02
Figure 2. Capacitance Degradation with DC Bias Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com