Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3095 Datasheet(PDF) 19 Page - Linear Technology

Part # LT3095
Description  Dual-Channel Low Noise Bias Generators
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3095 Datasheet(HTML) 19 Page - Linear Technology

Back Button LT3095 Datasheet HTML 14Page - Linear Technology LT3095 Datasheet HTML 15Page - Linear Technology LT3095 Datasheet HTML 16Page - Linear Technology LT3095 Datasheet HTML 17Page - Linear Technology LT3095 Datasheet HTML 18Page - Linear Technology LT3095 Datasheet HTML 19Page - Linear Technology LT3095 Datasheet HTML 20Page - Linear Technology LT3095 Datasheet HTML 21Page - Linear Technology LT3095 Datasheet HTML 22Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
LT3095
19
3095fa
For more information www.linear.com/LT3095
TYPICAL APPLICATIONS
5V VIN with 5V and 15V Outputs and VIN UVLO = 4V
100k
1%
2.2µF
0.1µF
100k
300k
1%
2.2µF
0.1µF
0.1µF
VOUT1
5V, 50mA
VOUT2
15V, 50mA
3095 TA03
L1: COILCRAFT LPS4012-682MRB
L2: COILCRAFT LPS4012-103MRB
L1
6.8µH
2.2µF
10µF
L2
10µH
10µF
113k
1%
50k
1%
EN1
SW1
GND
BSTOUT1
LDOIN1
OUT1
SET1
RT
GND
IN
EN2
SW2
GND
BSTOUT2
LDOIN2
OUT2
SET2
INTVCC
GND
VIN
5V ±10%
LT3095
SYNC
5V to 20V VIN with 5V and 12V Outputs and SEPIC on Channel 2 for Continuous Output Current
L1
2.2µH
2.2µF
100k
1%
10µF
2.2µF
0.1µF
100k
243k
1%
1µF
2.2µF
0.1µF
0.1µF
15µH
10µF
EN1
SW1
GND
BSTOUT1
LDOIN1
OUT1
SET1
RT
GND
VIN
EN2
SW2
GND
BSTOUT2
LDOIN2
OUT2
SET2
INTVCC
GND
VIN
5V to 20V
LT3095
VOUT1
5V, 50mA
VOUT2
12V, 50mA
SYNC
LDOIN = VIN – Vf
WHEN VIN > VOUT – 3V,
LDO REGULATES OUT
3095 TA03
L2
15µH
L1 = COILCRAFT LPS4012-222MR
L2 = WÜRTH 74489430150T
D1 = ON SEMI MBR130
Vf = INTERNAL BOOST REGULATOR SCHOTTKY FORWARD VOLTAGE
D1
FLOAT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com