Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2000A Datasheet(PDF) 10 Page - Linear Technology

Part # LTC2000A
Description  16-/14-/11-Bit 2.7Gsps DACs
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2000A Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC2000A Datasheet HTML 6Page - Linear Technology LTC2000A Datasheet HTML 7Page - Linear Technology LTC2000A Datasheet HTML 8Page - Linear Technology LTC2000A Datasheet HTML 9Page - Linear Technology LTC2000A Datasheet HTML 10Page - Linear Technology LTC2000A Datasheet HTML 11Page - Linear Technology LTC2000A Datasheet HTML 12Page - Linear Technology LTC2000A Datasheet HTML 13Page - Linear Technology LTC2000A Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 54 page
background image
LTC2000A
10
2000afb
For more information www.linear.com/LTC2000A
TYPICAL PERFORMANCE CHARACTERISTICS
SFDR vs fOUT and Temperature,
fDAC = 2.7Gsps
SFDR vs fOUT and Digital
Amplitude (dBFS), fDAC = 2.7Gsps
SFDR vs fOUT and IOUTFS,
fDAC = 2.7Gsps
HD2 vs fOUT and fDAC
HD3 vs fOUT and fDAC
Single-Tone Spectrum at
fOUT = 70MHz, fDAC = 2.7Gsps
Single-Tone Spectrum at
fOUT = 990MHz, fDAC = 2.7Gsps
SFDR vs fOUT and fDAC
IOUTFS = 40mA, TA = 25°C, AVDD18 = DVDD18 = 1.86V,
AVDD33 = DVDD33 = 3.3V, RLOAD = 12.5, LIN_DIS = 0, LIN_ GN = 75% unless otherwise noted.
FREQUENCY (MHz)
20
–90
–80
–60
–50
–40
1092
2164
2700
0
2000A G10
–70
556
1628
–30
–20
–10
RBW = 2kHz, VBW = 5kHz
REF = 5dBm, ATTEN = 25dB
SWEEP = 620s (1001 PTS)
fDAC-fOUT
IMAGE
FREQUENCY (MHz)
20
–90
–80
–60
–50
–40
1092
2164
2700
0
2000A G11
–70
556
1628
–30
–20
–10
RBW = 2kHz
VBW = 5kHz
REF = 5dBm
ATTEN = 25dB
SWEEP = 620s
(1001 PTS)
HD3
fDAC-fOUT
IMAGE
HD2 AND HD3
IN 2ND
NYQUIST BAND
fOUT (MHz)
0
50
60
70
80
90
100
200
400
600
800
2000A G12
1000 1200
2.7Gsps
2.0Gsps
1.6Gsps
1.25Gsps
DIGITAL AMPLITUDE = 0dBFS
fOUT (MHz)
0
50
60
70
80
90
100
200
400
600
800
2000A G13
1000 1200
85°C
25°C
–40°C
DIGITAL AMPLITUDE = 0dBFS
fOUT (MHz)
0
50
60
70
80
90
100
200
400
600
800
2000A G14
1000 1200
0dBFS
–3dBFS
–6dBFS
–12dBFS
–16dBFS
fOUT (MHz)
0
50
60
70
80
90
100
200
400
600
800
2000A G15
1000 1200
60mA
40mA
20mA
10mA
fOUT (MHz)
0
50
60
70
80
90
100
200
400
600
800
2000A G16
1000 1200
2.7Gsps
2.0Gsps
1.6Gsps
1.25Gsps
DIGITAL AMPLITUDE = 0dBFS
fOUT (MHz)
0
50
60
70
80
90
100
200
400
600
800
2000A G17
1000 1200
2.7Gsps
2.0Gsps
1.6Gsps
1.25Gsps
DIGITAL AMPLITUDE = 0dBFS
HD2 vs fOUT and Digital Amplitude
(dBFS), fDAC = 2.7Gsps
fOUT (MHz)
0
50
60
70
80
90
100
200
400
600
800
2000A G18
1000 1200
0dBFS
–3dBFS
–6dBFS
–12dBFS
–16dBFS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com