Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2000A Datasheet(PDF) 54 Page - Linear Technology

Part # LTC2000A
Description  16-/14-/11-Bit 2.7Gsps DACs
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2000A Datasheet(HTML) 54 Page - Linear Technology

Back Button LTC2000A Datasheet HTML 46Page - Linear Technology LTC2000A Datasheet HTML 47Page - Linear Technology LTC2000A Datasheet HTML 48Page - Linear Technology LTC2000A Datasheet HTML 49Page - Linear Technology LTC2000A Datasheet HTML 50Page - Linear Technology LTC2000A Datasheet HTML 51Page - Linear Technology LTC2000A Datasheet HTML 52Page - Linear Technology LTC2000A Datasheet HTML 53Page - Linear Technology LTC2000A Datasheet HTML 54Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 54 / 54 page
background image
LTC2000A
54
2000afb
For more information www.linear.com/LTC2000A
LT 1217 REV B • PRINTED IN USA
www.linear.com/LTC2000A
ANALOG DEVICES, INC. 2015
RELATED PARTS
TYPICAL APPLICATION
PART NUMBER
DESCRIPTION
COMMENTS
LTC1666/LTC1667/
LTC1668
12-/14-/16-Bit 50Msps DACs with 10mA Full Scale
VCC = ±5V, –1V to 1V Output Compliance, 28-Pin SSOP Package
LTC2000
16-/14-/11-Bit 2.5Gsps DAC
68dBc SFDR from DC to 1000MHz, 170-Lead BGA Package
LTC2153/LTC2158
Single/Dual 14-/12-Bit 310Msps ADCs
88dB SFDR, 1.25GHz Bandwidth Sample-and-Hold
LTC2630
Single 12-/10-/8-Bit Rail-to-Rail DACs with Internal Reference VCC = 2.7V to 5.5V, SC70 Package
LTC2991
Octal I2C Voltage, Current, and Temperature Monitor
VCC = 3V to 5.5V, 16-Lead MSOP Package
LTC2997
Remote/Internal Temperature Sensor
VCC = 2.V to 5.5V, 170µA, 6-Lead 2mm × 3mm DFN Package
LT®5521
Very High Linearity Active Mixer
10MHz to 3.7GHz, 24.2dBm OIP3 at 1.95GHz
LT5579
High Linearity Upconverting Mixer
1.5GHz to 3.8GHz, 27.3dBm OIP3 at 2.14GHz
LT5578
High Linearity Upconverting Mixer
400MHz to 2.7GHz, 24.3dBm IIP3 at 1.95GHz
LTC6406
3GHz, Low Noise, Rail-to-Rail Input Differential
Amplifier/Driver
Low Noise: 1.6nV/√Hz RTI , 18mA at 3V, Low Distortion
LTC6430-15
High Linearity Differential RF/IF Amplifier
20MHz to 2GHz Bandwidth, 50dBm OIP3 at 240MHz, 15.2dB Gain
LTC6946
Ultralow Noise and Spurious Integer-N Synthesizer with
Integrated VCO
0.37GHz to 5.7GHz, –226dBc/Hz Normalized In-Band Phase Noise,
–274dBc/Hz Normalized In-Band 1/f Noise
LTC2000A High Speed DAC Driving LT5579 Mixer as an Upconverting Transmitter with Low Noise Power Supply Solution
DAP[15:0]
DAN[15:0]
DCKIP
DCKIN
DBP[15:0]
DBN[15:0]
SVDD
AVDD18
DVDD18
DCKOP
DCKON
CKP
R29
50
R26
50
CKN
TSTP
TSTN
IOUTN
IOUTP
S1
S2
S3
S4
S5
R4
R3
S6
REFIO
FSADJ
2000A TA01
M1
M2
H1
J1
PD
CS
SDO
SDI
SCK
J10
MATCHED LVDS
DATA AND CLOCK
LINES FROM FPGA
SPI
PORTS
J8
A3
A2
K8
K7
3.3V
LTC2000A-16
AVDD33
LT1763CS8-3.3
LT1763CS8-3.3
DVDD33
GND
C43
0.01µF
C66
1pF
C42
100pF
6
1
2
3
5
GND
GND
IN
4
C41
100pF
T1
ANAREN
B0430J50100AHF
C65
10pF
L6
1nH
CLOCK
SOURCE
R52
20
C66
47pF
L9
2.7nH
L8
2.7nH
L11
1.5nH
4
3
1
2
1
2
1
2
1
2
22
15
L10
1.5nH
L12
1.8nH
LO
INPUT
RF
OUTPUT
C65
47pF
R50
0
R49
0
C25
0.1µF
C26
0.1µF
R51
20
1k
7.15k
R45
500
C40
10µF
R53
11.5
R54
11.5
C68
82pF
C67
82pF
C68
22pF
C69
1.2pF
C74
10µF
C73
1µF
C72
100pF
C71
10pF
SHDN
IN
GND
GND
GND
OUT
SEN
BYP
1
2
5
8
3
6
7
4
0.01µF
47µF
1µF
5V
SHDN
IN
GND
GND
GND
OUT
SEN
BYP
1
2
5
8
3
6
7
4
0.01µF
47µF
1µF
5V
SHDN
VIN
GND
GND
OUTF
OUTS
GND
GND
7
6
8
5
1
2
3
4
10µF
3.24k
4.7µF
1µF
1µF
5V
47µF
1µF
3.3V
IF–
LT5579
0.1dB CHEBYCHEV, BW = 535MHz
VCC
3.3V
GND
IF+
LO
RF
LTC6655CH
MS8-2.048
VOUT
VOUT
VOUT
PAD
SET
7
8
5
3
2
1
9
VIN
VIN
VCTRL
LT3080EDD
3.3V
3.24k
4.7µF
5V
47µF
VOUT
VOUT
VOUT
PAD
SET
7
8
5
3
2
1
9
VIN
VIN
VCTRL
LT3080EDD
3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com