Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2000A Datasheet(PDF) 4 Page - Linear Technology

Part # LTC2000A
Description  16-/14-/11-Bit 2.7Gsps DACs
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2000A Datasheet(HTML) 4 Page - Linear Technology

  LTC2000A Datasheet HTML 1Page - Linear Technology LTC2000A Datasheet HTML 2Page - Linear Technology LTC2000A Datasheet HTML 3Page - Linear Technology LTC2000A Datasheet HTML 4Page - Linear Technology LTC2000A Datasheet HTML 5Page - Linear Technology LTC2000A Datasheet HTML 6Page - Linear Technology LTC2000A Datasheet HTML 7Page - Linear Technology LTC2000A Datasheet HTML 8Page - Linear Technology LTC2000A Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 54 page
background image
LTC2000A
4
2000afb
For more information www.linear.com/LTC2000A
ORDER INFORMATION
LTC2000A C
Y
–16 #PBF
LEAD FREE DESIGNATOR
PBF = Lead Free
RESOLUTION
16 = 16-Bit Resolution
14 = 14-Bit Resolution
11 = 11-Bit Resolution
PACKAGE TYPE
170-Lead (15mm × 9mm × 1.54mm) BGA
TEMPERATURE GRADE
C = Commercial Temperature Range (0°C to 70°C)
I = Industrial Temperature Range (–40°C to 85°C)
PRODUCT PART NUMBER
PART NUMBER
BALL FINISH
PART MARKING*
PACKAGE TYPE
MSL RATING
TEMPERATURE RANGE
LTC2000ACY-16#PBF
SAC305 (RoHS)
LTC2000Y-16
BGA
3
0°C to 70°C
LTC2000ACY-14#PBF
SAC305 (RoHS)
LTC2000Y-14
BGA
3
0°C to 70°C
LTC2000ACY-11#PBF
SAC305 (RoHS)
LTC2000Y-11
BGA
3
0°C to 70°C
LTC2000AIY-16#PBF
SAC305 (RoHS)
LTC2000Y-16
BGA
3
–40°C to 85°C
LTC2000AIY-14#PBF
SAC305 (RoHS)
LTC2000Y-14
BGA
3
–40°C to 85°C
LTC2000AIY-11#PBF
SAC305 (RoHS)
LTC2000Y-11
BGA
3
–40°C to 85°C
LTC2000AIY-16
Sn/Pb
LTC2000Y-16
BGA
3
–40°C to 85°C
Consult ADI Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
This product is only offered in trays. For more information go to: http://www.linear.com/packaging/. Some packages are available in 500 unit reels through
designated sales channels with #TRMPBF suffix.
http://www.linear.com/product/LTC2000A#orderinfo



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com