Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6532 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP6532
Description  5V to 60V, Three-Phase Brushless DC Motor Pre-Driver Evaluation Board
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6532 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP6532 Datasheet HTML 1Page - Monolithic Power Systems MP6532 Datasheet HTML 2Page - Monolithic Power Systems MP6532 Datasheet HTML 3Page - Monolithic Power Systems MP6532 Datasheet HTML 4Page - Monolithic Power Systems MP6532 Datasheet HTML 5Page - Monolithic Power Systems MP6532 Datasheet HTML 6Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
EVKT6532 DEMO BOARD
EVKT6532 Rev. 1.0
www.MonolithicPower.com
4
4/3/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
EVKT6532 BOARD BILL OF MATERIALS (continued)
Qty
Ref
Value
Description
Manufacture Manufacture_PN
6
R18, R19, R20,
R21, R22, R23
22
Film Resistor;1%
Yageo
RC0603FR-0722L
3
R25, R26, R27
200m
Sense Resistor;1%;2W;
CTS
73L7R20J
1
R28
10k
Film Resistor;1%
Yageo
RC0603FR-0710KL
3
S1, S2, S3
0S102011
MS2QN1
Single-Pole, Single-Throw Switch
C&K
Components
0S102011MS2QN1
23
TP1, TP2, TP3,
TP4, TP5, TP6,
TP7, TP8, TP9,
TP10, TP11, TP12,
TP13, TP14, TP15,
TP16, TP17, TP18,
TP19, TP20, TP21,
TP22, TP23
TP
Connector;
1
TS1
1729131 Header, 3-Pin
Phoenix
Contact
1729131
1
TS2
1729128 Header, 2-Pin
Phoenix
Contact
1729128
1
TS3
1725698 Header, 5-Pin
Phoenix
Contact
1725698
1
U1
C8051F860
-C-GS
Microcontroller C8051F860
Silabs
C8051F860-C-GS
1
U3
MP6532 IC 3-Phase BLDC Motor Predriver
MPS
MP6532
1
U4
MP4568 IC Buck converter
MPS
MP4568



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com