Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6532 Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP6532
Description  5V to 60V, Three-Phase Brushless DC Motor Pre-Driver Evaluation Board
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6532 Datasheet(HTML) 6 Page - Monolithic Power Systems

  MP6532 Datasheet HTML 1Page - Monolithic Power Systems MP6532 Datasheet HTML 2Page - Monolithic Power Systems MP6532 Datasheet HTML 3Page - Monolithic Power Systems MP6532 Datasheet HTML 4Page - Monolithic Power Systems MP6532 Datasheet HTML 5Page - Monolithic Power Systems MP6532 Datasheet HTML 6Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
EVKT6532 DEMO BOARD
NOTICE: The information in this document is subject to change without notice. Users should warrant and guarantee that third
party Intellectual Property rights are not infringed upon when integrating MPS products into any application. MPS will not
assume any legal responsibility for any said applications.
EVKT6532 Rev. 1.0
www.MonolithicPower.com
6
4/3/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
QUICK START GUIDE
To quickly start using the EVKT6532 BLDC motor driver board, do the following:
1. Connect the U, V, and W wires of a BLDC motor to MOTOR connector. Connect the motor Hall
sensors to the HALL connector.
2. Connect a power supply (between 5V and 60V) to the VIN and GND pins.
3. Slide the DIR switch to “FWD” or “REV” to control the direction of the motor. Slide the “RUN/STOP”
switch to the right to run the motor. Slide the “BRAKE” switch to the right to apply short braking to the
motor.
4. Adjust the motor speed by turning the SPEED pot.
Note:
Please pay attention to the correct input polarity connection, to avoid damage due to
reversed connection.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com