Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6532 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP6532
Description  5V to 60V, Three-Phase Brushless DC Motor Pre-Driver Evaluation Board
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6532 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP6532 Datasheet HTML 1Page - Monolithic Power Systems MP6532 Datasheet HTML 2Page - Monolithic Power Systems MP6532 Datasheet HTML 3Page - Monolithic Power Systems MP6532 Datasheet HTML 4Page - Monolithic Power Systems MP6532 Datasheet HTML 5Page - Monolithic Power Systems MP6532 Datasheet HTML 6Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
EVKT6532
5V to 60V, Three-Phase Brushless
DC Motor Pre-Driver
Evaluation Board
EVKT6532 Rev. 1.0
www.MonolithicPower.com
1
4/3/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
DESCRIPTION
The EVKT6532 is an evaluation board for the
MP6530, a three-phase BLDC motor pre-driver.
The EVKT6532 operates from a supply voltage
of up to 60V. It is configured to drive 3 half
bridges
consisting
of
6
N-channel
Power
MOSFETs. The rotor position information is
provided by the Hall sensors assembled in the
motor.
Motor
speed
and
direction
are
controlled by an on-board microcontroller.
ELECTRICAL SPECIFICATIONS
Parameter
Symbol
Value
Units
Input Voltage
VIN
5 - 60
V
Hall Voltage
VH
3.3
V
FEATURES
 Wide 5V to 60V Input Voltage Range
 Hall Sensor Inputs
 Programmable OCP Threshold
 Support 100% Duty Cycle Operation
 OCP, OTP
 Fault Indication Output
APPLICATIONS
 3-Phase Brushless DC Motors and Permanent
Magnet Synchronous Motors
 Power Drills
 Impact Drivers
 E-Bike
All MPS parts are lead-free, halogen free, and adhere to the RoHS directive. For
MPS green status, please visit MPS website under Quality Assurance.
“MPS”
and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
EVKT6532
(L x W x H) 4
” x 2.6” x 0.4”
(10cm x 6.5cm x 1cm)
Board Number
MPS IC Number
EVKT6532
MP6532


Similar Part No. - MP6532

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP6532GF MPS-MP6532GF Datasheet
1Mb / 7P
5V to 60V, Three-Phase Brushless DC Motor Pre-Driver Evaluation Board
8/10/2020 Rev. 1.0
More results

Similar Description - MP6532

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA13441 HITACHI-HA13441 Datasheet
143Kb / 6P
THREE PHASE BRUSHLESS DC MOTOR DRIVER
logo
Texas Instruments
DRV10970 TI1-DRV10970 Datasheet
672Kb / 38P
Three-Phase Brushless DC Motor Driver
logo
Allegro MicroSystems
A4931 ALLEGRO-A4931_16 Datasheet
244Kb / 9P
3-Phase Brushless DC Motor Pre-Driver
logo
STMicroelectronics
EVAL6235PD STMICROELECTRONICS-EVAL6235PD Datasheet
1Mb / 10P
L6235 three-phase brushless DC motor driver demonstration board
25-Aug-2011
logo
Monolithic Power System...
EV6534-U-00A MPS-EV6534-U-00A Datasheet
368Kb / 6P
5V to 55V, Three-Phase Brushless DC Motor Pre-Driver With Buck Regulator Evaluation Board
EV6535-U-00A MPS-EV6535-U-00A Datasheet
343Kb / 6P
5V to 55V, Three-Phase Brushless DC Motor Pre-Driver With Buck Regulator Evaluation Board
EVKT6530 MPS-EVKT6530 Datasheet
835Kb / 6P
5V to 60V, Three-Phase Brushless DC Motor Pre-Driver Evaluation Board
MP6529 MPS-MP6529 Datasheet
472Kb / 13P
5V to 35V, Three-Phase, Brushless DC Motor Pre-Driver
MP6531A MPS-MP6531A Datasheet
1Mb / 18P
5V - 60V, Three-Phase, Brushless, DC Motor Pre-Driver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com