Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6945 Datasheet(PDF) 16 Page - Linear Technology

Part # LTC6945
Description  16-Bit, 20Msps Serial Low Noise Dual ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6945 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC6945 Datasheet HTML 12Page - Linear Technology LTC6945 Datasheet HTML 13Page - Linear Technology LTC6945 Datasheet HTML 14Page - Linear Technology LTC6945 Datasheet HTML 15Page - Linear Technology LTC6945 Datasheet HTML 16Page - Linear Technology LTC6945 Datasheet HTML 17Page - Linear Technology LTC6945 Datasheet HTML 18Page - Linear Technology LTC6945 Datasheet HTML 19Page - Linear Technology LTC6945 Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
LTC2271
16
2271f
Encode Input
The signal quality of the encode inputs strongly affects
the A/D noise performance. The encode inputs should
be treated as analog signals—do not route them next to
digital traces on the circuit board. There are two modes
of operation for the encode inputs: the differential encode
mode (Figure 10), and the single-ended encode mode
(Figure 11).
The differential encode mode is recommended for sinu-
soidal, PECL, or LVDS encode inputs (Figures 12, 13). The
encode inputs are internally biased to 1.2V through 10k
equivalent resistance. The encode inputs can be taken above
VDD(upto3.6V),andthecommonmoderangeisfrom1.1V
to 1.6V. In the differential encode mode, ENC– should stay
at least 200mV above ground to avoid falsely triggering the
single-ended encode mode. For good jitter performance
ENC+ should have fast rise and fall times.
The single-ended encode mode should be used with
CMOS encode inputs. To select this mode, ENC– is con-
nected to ground and ENC+ is driven with a square wave
APPLICATIONS INFORMATION
encode input. ENC+ can be taken above VDD (up to 3.6V)
so 1.8V to 3.3V CMOS logic levels can be used. The ENC+
threshold is 0.9V. For good jitter performance ENC+ should
have fast rise and fall times. If the encode signal is turned
off or drops below approximately 500kHz, the A/D enters
nap mode.
Figure 12. Sinusoidal Encode Drive
ENC+
ENC–
PECL OR
LVDS
CLOCK
0.1μF
0.1μF
2271 F13
LTC2271
Figure 13. PECL or LVDS Encode Drive
50Ω
100Ω
0.1μF
0.1μF
T1
T1 = MA/COM ETC1-1-13
RESISTORS AND CAPACITORS
ARE 0402 PACKAGE SIZE
50Ω
LTC2271
2271 F12
ENC–
ENC+
0.1μF
VDD
LTC2271
2271 F10
ENC–
ENC+
15k
VDD
DIFFERENTIAL
COMPARATOR
30k
Figure 10. Equivalent Encode Input Circuit
for Differential Encode Mode
30k
ENC+
ENC–
2271 F11
0V
1.8V TO 3.3V
LTC2271
CMOS LOGIC
BUFFER
Figure 11. Equivalent Encode Input Circuit
for Single-Ended Encode Mode
Clock PLL and Duty Cycle Stabilizer
The encode clock is multiplied by an internal phase-locked
loop (PLL) to generate the serial digital output data. If the
encode signal changes frequency or is turned off, the PLL
requires 25μs to lock onto the input clock.
A clock duty cycle stabilizer circuit allows the duty cycle
of the applied encode signal to vary from 30% to 70%.
In the serial programming mode it is possible to disable
the duty cycle stabilizer, but this is not recommended. In
the parallel programming mode the duty cycle stabilizer
is always enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com