Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6945 Datasheet(PDF) 23 Page - Linear Technology

Part # LTC6945
Description  16-Bit, 20Msps Serial Low Noise Dual ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6945 Datasheet(HTML) 23 Page - Linear Technology

Back Button LTC6945 Datasheet HTML 16Page - Linear Technology LTC6945 Datasheet HTML 17Page - Linear Technology LTC6945 Datasheet HTML 18Page - Linear Technology LTC6945 Datasheet HTML 19Page - Linear Technology LTC6945 Datasheet HTML 20Page - Linear Technology LTC6945 Datasheet HTML 21Page - Linear Technology LTC6945 Datasheet HTML 22Page - Linear Technology LTC6945 Datasheet HTML 23Page - Linear Technology LTC6945 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
23
2271f
LTC2271
PACKAGE DESCRIPTION
UKG Package
52-Lead Plastic QFN (7mm × 8mm)
(Reference LTC DWG # 05-08-1729 Rev Ø)
7.00
0.10
(2 SIDES)
NOTE:
1. DRAWING IS NOT A JEDEC PACKAGE OUTLINE
2. DRAWING NOT TO SCALE
3. ALL DIMENSIONS ARE IN MILLIMETERS
4. DIMENSIONS OF EXPOSED PAD ON BOTTOM OF PACKAGE DO NOT INCLUDE
MOLD FLASH. MOLD FLASH, IF PRESENT, SHALL NOT EXCEED 0.20mm ON ANY SIDE, IF PRESENT
5. EXPOSED PAD SHALL BE SOLDER PLATED
6. SHADED AREA IS ONLY A REFERENCE FOR PIN 1 LOCATION ON THE TOP AND BOTTOM OF PACKAGE
PIN 1 TOP MARK
(SEE NOTE 6)
PIN 1 NOTCH
R = 0.30 TYP OR
0.35
45 C
CHAMFER
0.40
0.10
52
51
1
2
BOTTOM VIEW—EXPOSED PAD
TOP VIEW
SIDE VIEW
6.50 REF
(2 SIDES)
8.00
0.10
(2 SIDES)
5.50 REF
(2 SIDES)
0.75
0.05
0.75
0.05
R = 0.115
TYP
R = 0.10
TYP
0.25
0.05
0.50 BSC
0.200 REF
0.00 – 0.05
6.45 0.10
5.41 0.10
0.00 – 0.05
(UKG52) QFN REV Ø 0306
5.50 REF
(2 SIDES)
5.41 0.05
6.45 0.05
RECOMMENDED SOLDER PAD PITCH AND DIMENSIONS
APPLY SOLDER MASK TO AREAS THAT ARE NOT SOLDERED
0.70 0.05
6.10 0.05
7.50 0.05
6.50 REF
(2 SIDES)
7.10 0.05 8.50 0.05
0.25 0.05
0.50 BSC
PACKAGE OUTLINE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com