Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6945 Datasheet(PDF) 17 Page - Linear Technology

Part # LTC6945
Description  16-Bit, 20Msps Serial Low Noise Dual ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6945 Datasheet(HTML) 17 Page - Linear Technology

Back Button LTC6945 Datasheet HTML 13Page - Linear Technology LTC6945 Datasheet HTML 14Page - Linear Technology LTC6945 Datasheet HTML 15Page - Linear Technology LTC6945 Datasheet HTML 16Page - Linear Technology LTC6945 Datasheet HTML 17Page - Linear Technology LTC6945 Datasheet HTML 18Page - Linear Technology LTC6945 Datasheet HTML 19Page - Linear Technology LTC6945 Datasheet HTML 20Page - Linear Technology LTC6945 Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
17
2271f
LTC2271
APPLICATIONS INFORMATION
DIGITAL OUTPUTS
The digital outputs of the LTC2271 are serialized LVDS
signals. Each channel outputs one bit at a time (1-lane
mode), two bits at a time (2-lane mode) or four bits at a
time (4-lane mode). Please refer to the Timing Diagrams
for details. In 4-lane mode the clock duty cycle stabilizer
must be enabled.
The output data should be latched on the rising and falling
edges of the data clock out (DCO). A data frame output
(FR) can be used to determine when the data from a new
conversion result begins.
The minimum sample rate for all serialization modes is
5Msps.
By default the outputs are standard LVDS levels: 3.5mA
output current and a 1.25V output common mode volt-
age. An external 100Ω differential termination resistor
is required for each LVDS output pair. The termination
resistors should be located as close as possible to the
LVDS receiver.
The outputs are powered by OVDD which is isolated from
the A/D core power.
Table 1. Maximum Sampling Frequency for All Serialization
Modes
SERIALIZATION
MODE
MAXIMUM
SAMPLING
FREQUENCY,
fS (MHz)
DCO
FREQUENCY
FR
FREQUENCY
SERIAL
DATA RATE
4-Lane
20
2 • fS
fS
4 • fS
2-Lane
20
4 • fS
fS
8 • fS
1-Lane
20
8 • fS
fS
16 • fS
Programmable LVDS Output Current
In LVDS mode, the default output driver current is 3.5mA.
This current can be adjusted by control register A2 in the
serial programming mode. Available current levels are
1.75mA, 2.1mA, 2.5mA, 3mA, 3.5mA, 4mA and 4.5mA.
In the parallel programming mode the SDO pin can select
either 3.5mA or 1.75mA.
Optional LVDS Driver Internal Termination
In most cases using just an external 100Ω termination
resistor will give excellent LVDS signal integrity. In addi-
tion, an optional internal 100Ω termination resistor can
be enabled by serially programming mode control register
A2. The internal termination helps absorb any reflections
caused by imperfect termination at the receiver. When
the internal termination is enabled, the output driver
current is doubled to maintain the same output voltage
swing. Internal termination can only be selected in serial
programming mode.
DATA FORMAT
Table 2 shows the relationship between the analog input
voltage and the digital data output bits. By default the
output data format is offset binary. The 2’s complement
format can be selected by serially programming mode
control register A1.
Table 2. Output Codes vs Input Voltage
AIN+-AIN–
(2V RANGE)
D15-D0
(OFFSET BINARY)
D15-D0
(2’s COMPLEMENT)
>1.000000V
+0.999970V
+0.999939V
1111 1111 1111 1111
1111 1111 1111 1111
1111 1111 1111 1110
0111 1111 1111 1111
0111 1111 1111 1111
0111 1111 1111 1110
+0.000030V
+0.000000V
–0.000030V
–0.000061V
1000 0000 0000 0001
1000 0000 0000 0000
0111 1111 1111 1111
0111 1111 1111 1110
0000 0000 0000 0001
0000 0000 0000 0000
1111 1111 1111 1111
1111 1111 1111 1110
–0.999939V
–1.000000V
<–1.000000V
0000 0000 0000 0001
0000 0000 0000 0000
0000 0000 0000 0000
1000 0000 0000 0001
1000 0000 0000 0000
1000 0000 0000 0000
Digital Output Randomizer
Interference from the A/D digital outputs is sometimes
unavoidable. Digital interference may be from capacitive or
inductive coupling or coupling through the ground plane.
Even a tiny coupling factor can cause unwanted tones
in the ADC output spectrum. By randomizing the digital
output before it is transmitted off-chip, these unwanted
tones can be randomized which reduces the unwanted
tone amplitude.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com