Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2271 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC2271
Description  18-Bit, 15Msps SAR ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2271 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC2271 Datasheet HTML 9Page - Linear Technology LTC2271 Datasheet HTML 10Page - Linear Technology LTC2271 Datasheet HTML 11Page - Linear Technology LTC2271 Datasheet HTML 12Page - Linear Technology LTC2271 Datasheet HTML 13Page - Linear Technology LTC2271 Datasheet HTML 14Page - Linear Technology LTC2271 Datasheet HTML 15Page - Linear Technology LTC2271 Datasheet HTML 16Page - Linear Technology LTC2271 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
LTC2387-18
13
238718fa
For more information www.linear.com/LTC2387-18
TiMing DiagraM
applicaTions inForMaTion
Data Output Timing
tCLKH
tCLKDCO
CLK+
CLK–
DCO+
DCO–
DA+
DA–
tCLKDCO
tCLKD
tCLKD
tCLKL
238718 TD03
DB+
DB–
OVERVIEW
The LTC2387-18 is a low noise, high speed, 18-bit succes-
siveapproximationregister(SAR)ADC.Operatingfrom5V
and 2.5V supplies, the LTC2387-18 has a fully differential
±4.096V input range, making it ideal for applications that
require a wide dynamic range. The LTC2387-18 achieves
±3LSB INL (maximum), no missing codes at 18-bits and
96dB SNR (typical).
The LTC2387-18 includes a precision internal 2.048V
reference, with a guaranteed 0.25% initial accuracy and
a ±20ppm/°C (maximum) temperature coefficient, as well
as an internal reference buffer. The LTC2387-18 also has
a high speed serial LVDS interface that can output one or
two bits at a time. The fast 15Msps throughput with no
pipeline latency makes the LTC2387-18 ideally suited for
a wide variety of high speed applications. The LTC2387-18
dissipates only 125mW at 15Msps and has a power-down
mode to reduce the power consumption to 10μW during
inactive periods.
CONVERTER OPERATION
The LTC2387-18 operates in two phases. During the ac-
quisition phase, the sample capacitors are connected to
the analog input pins IN+ and IN– to sample the differential
analog input voltage. A rising edge on the CNV pin initiates
a conversion. During the conversion phase, the ADC is
sequencedthroughasuccessiveapproximationalgorithm,
comparing the sampled input with binary-weighted frac-
tions of the reference voltage (e.g. VREFBUF/2, VREFBUF/4
… VREFBUF/262144) using a differential comparator. At
the end of conversion, control logic prepares the 18-bit
digital output code for serial transfer.
TRANSFER FUNCTION
The LTC2387-18 digitizes the full-scale voltage of 2×
REFBUF into 218 levels, resulting in an LSB size of
31.25μV with REFBUF = 4.096V. The output data is in
two’s complement format. The ideal transfer function is
shown in Figure 1. The ideal offset binary transfer func-
tion can be obtained from the two’s complement transfer
function by inverting the most significant bit (MSB) of
each output code.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com