Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2271 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC2271
Description  18-Bit, 15Msps SAR ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2271 Datasheet(HTML) 2 Page - Linear Technology

  LTC2271 Datasheet HTML 1Page - Linear Technology LTC2271 Datasheet HTML 2Page - Linear Technology LTC2271 Datasheet HTML 3Page - Linear Technology LTC2271 Datasheet HTML 4Page - Linear Technology LTC2271 Datasheet HTML 5Page - Linear Technology LTC2271 Datasheet HTML 6Page - Linear Technology LTC2271 Datasheet HTML 7Page - Linear Technology LTC2271 Datasheet HTML 8Page - Linear Technology LTC2271 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LTC2387-18
2
238718fa
For more information www.linear.com/LTC2387-18
pin conFiguraTion
absoluTe MaxiMuM raTings
Supply Voltage (VDD)..................................................6V
Supply Voltage (VDDL, OVDD)...................................2.8V
Analog Input Voltage (Note 3)
IN+, IN– .........................(GND – 0.3V) to (VDD + 0.3V)
REFBUF.........................(GND – 0.3V) to (VDD + 0.3V)
REFIN (Note 4)...........................(GND – 0.3V) to 2.8V
Digital Input Voltage (Note 3)
PD, TESTPAT ............. (GND – 0.3V) to (OVDD + 0.3V)
CLK+, CLK– ................ (GND – 0.3V) to (OVDD + 0.3V)
TWOLANES, CNV+,
CNV–...........................(GND – 0.3V) to (VDDL + 0.3V)
Power Dissipation .............................................. 500mW
Operating Temperature Range
LTC2387C ................................................ 0°C to 70°C
LTC2387I .............................................–40°C to 85°C
Storage Temperature Range .................. –65°C to 150°C
(Notes 1, 2)
32
33
GND
31 30 29 28 27 26 25
9 10 11 12
TOP VIEW
UH PACKAGE
32-LEAD (5mm
× 5mm) PLASTIC QFN
13 14 15 16
17
18
19
20
21
22
23
24
8
7
6
5
4
3
2
1
GND
IN+
IN–
GND
REFGND
REFGND
REFBUF
REFBUF
CLK+
CLK–
OVDD
GND
DCO+
DCO–
DA+
DA–
TJMAX = 125°C, θJA = 34°C/W
EXPOSED PAD (PIN 33) IS GND, MUST BE SOLDERED TO PCB
orDer inForMaTion
elecTrical characTerisTics The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 5)
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC2387CUH-18#PBF
LTC2387CUH-18#TRPBF 238718
32-Lead (5mm × 5mm) Plastic QFN
0°C to 70°C
LTC2387IUH-18#PBF
LTC2387IUH-18#TRPBF
238718
32-Lead (5mm × 5mm) Plastic QFN
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/. Some packages are available in 500 unit reels through
designated sales channels with #TRMPBF suffix.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN+
Absolute Input Range (IN+)
(Note 6)
l
–0.1
VREFBUF + 0.1
V
VIN–
Absolute Input Range (IN–)
(Note 6)
l
–0.1
VREFBUF + 0.1
V
VIN+ – VIN–
Input Differential Voltage Range
VIN+ – VIN–
l
–VREFBUF
VREFBUF
V
VINCM
Common Mode Input Range
(VIN+ + VIN–)/2
l
VREFBUF/2 – 0.1
VREFBUF/2
VREFBUF/2 + 0.1
V
IIN
Analog Input DC Leakage Current
l
–1
1
μA
CIN
Analog Input Capacitance
Sample Mode
Hold Mode
20
2
pF
pF
CMRR
Input Common Mode Rejection Ratio
fIN = 1MHz
75
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com