Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2271 Datasheet(PDF) 20 Page - Linear Technology

Part # LTC2271
Description  18-Bit, 15Msps SAR ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2271 Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC2271 Datasheet HTML 16Page - Linear Technology LTC2271 Datasheet HTML 17Page - Linear Technology LTC2271 Datasheet HTML 18Page - Linear Technology LTC2271 Datasheet HTML 19Page - Linear Technology LTC2271 Datasheet HTML 20Page - Linear Technology LTC2271 Datasheet HTML 21Page - Linear Technology LTC2271 Datasheet HTML 22Page - Linear Technology LTC2271 Datasheet HTML 23Page - Linear Technology LTC2271 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
LTC2387-18
20
238718fa
For more information www.linear.com/LTC2387-18
Figure 12. Timing Diagram for a Single Conversion in One-Lane Mode
tCONV
238718 F12
CNV
D17
16 15 14 13 12 11 10 D9 D8 D7 D6 D5 D4 D3 D2 D1 D0
CLK
DCO
DA
1
2
3
4
5
6
7
8
9
MSB
LSB
applicaTions inForMaTion
Figure 13. Valid Time Window for Clocking Out Data
tFIRSTCLK
tLASTCLK
238718 F13
CNV
CLK
1
2
3
4
5
6
7
8
9
TIME WINDOW FOR CLOCKING OUT CONVERSION N
CONVERSION N
CONVERSION N+1
The LVDS signals should be routed on the PC board as
100Ω differential transmission lines and terminated at the
receiver with 100Ω resistors.
A conversion is started by the rising edge of CNV+. When
the conversion is complete, the most-significant data bit
is output on DA±. Data is then ready to be shifted out by
applying a burst of nine clock pulses to the CLK± input.
The data on DA± is updated by every edge of CLK±. An
echoed version of CLK± is output on DCO±. The edges of
DA± and DCO± are aligned, so DCO± can be used to latch
DA± in the FPGA. The timing of a single conversion is
shown in Figure 12.
Data must be clocked out after the current conversion is
complete,andbeforethenextconversionfinishes.Thevalid
time window for clocking out data is shown in Figure 13.
Note that it is allowed to be still clocking out data when
the next conversion begins.
Two-Lane Output Mode
At high sample rates the required LVDS interface data rate
can reach >400Mbps. Most FPGAs can support this, but
if a lower data rate is desired, the two-lane output mode
can be used. When the TWOLANES input pin is tied high,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com