Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1468 Datasheet(PDF) 17 Page - Linear Technology

Part # LT1468
Description  16-Bit, 1Msps, 짹10.24V True Bipolar, Pseudo-Differential Input ADC with 93.5dB SNR
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1468 Datasheet(HTML) 17 Page - Linear Technology

Back Button LT1468 Datasheet HTML 13Page - Linear Technology LT1468 Datasheet HTML 14Page - Linear Technology LT1468 Datasheet HTML 15Page - Linear Technology LT1468 Datasheet HTML 16Page - Linear Technology LT1468 Datasheet HTML 17Page - Linear Technology LT1468 Datasheet HTML 18Page - Linear Technology LT1468 Datasheet HTML 19Page - Linear Technology LT1468 Datasheet HTML 20Page - Linear Technology LT1468 Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
LTC2328-16
17
232816fb
For more information www.linear.com/LTC2328-16
Normal Mode, Multiple Devices
Figure 11 shows multiple LTC2328-16 devices operating
in normal mode (CHAIN = 0) sharing CNV, SCK and SDO.
By sharing CNV, SCK and SDO, the number of required
signals to operate multiple ADCs in parallel is reduced.
Since SDO is shared, the RDL/SDI input of each ADC must
be used to allow only one LTC2328-16 to drive SDO at a
time in order to avoid bus conflicts. As shown in Figure 11,
the RDL/SDI inputs idle high and are individually brought
low to read data out of each device between conversions.
When RDL/SDI is brought low, the MSB of the selected
device is output onto SDO.
Figure 11. Normal Mode with Multiple Devices Sharing CNV, SCK, and SDO
RDLB
RDLA
CONVERT
IRQ
DATA IN
DIGITAL HOST
CLK
CNV
LTC2328-16
SDO
A
SCK
RDL/SDI
CNV
LTC2328-16
SDO
B
SCK
RDL/SDI
CHAIN
BUSY
CHAIN
232818 F11
D15A
SDO
SCK
CNV
BUSY
CHAIN = 0
RDL/SDIB
RDL/SDIA
D15B D14B
D1B
D0B
D13B
D14A
D13A
D1A
D0A
Hi-Z
Hi-Z
Hi-Z
tEN
tHSDO
tDSDO
tDIS
tSCKL
tSCKH
tCNVL
1
2
3
14
15
16
17
18
19
30
31
32
tSCK
CONVERT
CONVERT
tQUIET
tCONV
tBUSYLH
NAP AND ACQUIRE
NAP AND
ACQUIRE
applicaTions inForMaTion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com