Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1468 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1468
Description  16-Bit, 1Msps, 짹10.24V True Bipolar, Pseudo-Differential Input ADC with 93.5dB SNR
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1468 Datasheet(HTML) 3 Page - Linear Technology

  LT1468 Datasheet HTML 1Page - Linear Technology LT1468 Datasheet HTML 2Page - Linear Technology LT1468 Datasheet HTML 3Page - Linear Technology LT1468 Datasheet HTML 4Page - Linear Technology LT1468 Datasheet HTML 5Page - Linear Technology LT1468 Datasheet HTML 6Page - Linear Technology LT1468 Datasheet HTML 7Page - Linear Technology LT1468 Datasheet HTML 8Page - Linear Technology LT1468 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
LTC2328-16
3
232816fb
For more information www.linear.com/LTC2328-16
elecTrical characTerisTics
converTer characTerisTics
DynaMic accuracy
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 4)
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 4)
The l denotes the specifications which apply over the full operating temperature range,
otherwise specifications are at TA = 25°C and AIN = –1dBFS. (Notes 4, 8)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN+
Absolute Input Range (IN+)
(Note 5)
l
–2.5 • VREFBUF – 0.5
2.5 • VREFBUF + 0.5
V
VIN–
Absolute Input Range (IN–)
(Note 5)
l
–0.5
0.5
V
VIN+ – VIN–
Input Differential Voltage Range
VIN = VIN+ – VIN–
l
–2.5 • VREFBUF
2.5 • VREFBUF
V
IIN
Analog Input Current
l
–7.8
4.8
mA
CIN
Analog Input Capacitance
5
pF
RIN
Analog Input Resistance
2.083
kΩ
CMRR
Input Common Mode Rejection Ratio
fIN = 500kHz
66
dB
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Resolution
l
16
Bits
No Missing Codes
l
16
Bits
Transition Noise
0.5
LSBRMS
INL
Integral Linearity Error
(Note 6)
l
–1.5
±0.25
1.5
LSB
DNL
Differential Linearity Error
l
–1
±0.1
1
LSB
BZE
Bipolar Zero-Scale Error
(Note 7)
l
–10
0
10
LSB
Bipolar Zero-Scale Error Drift
0.01
LSB/°C
FSE
Bipolar Full-Scale Error
VREFBUF = 4.096V (REFBUF Overdriven)
(Notes 7, 9)
l
–35
–35
LSB
REFIN = 2.048V (Note 7)
l
–45
45
LSB
Bipolar Full-Scale Error Drift
±0.5
ppm/°C
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
SINAD
Signal-to-(Noise + Distortion) Ratio
±6.25V Range, fIN = 2kHz, REFIN = 1.25V
l
87.1
90.4
dB
±10.24V Range, fIN = 2kHz, REFIN = 2.048V
l
90.2
93.4
dB
±12.5V Range, fIN = 2kHz, REFBUF = 5V
l
90.5
94.2
dB
SNR
Signal-to-Noise Ratio
±6.25V Range, fIN = 2kHz, REFIN = 1.25V
l
87.5
90.5
dB
±10.24V Range, fIN = 2kHz, REFIN = 2.048V
l
91
93.5
dB
±12.5V Range, fIN = 2kHz, REFBUF = 5V
l
92
94.5
dB
THD
Total Harmonic Distortion
±6.25V Range, fIN = 2kHz, REFIN = 1.25V
l
–108
–98
dB
±10.24V Range, fIN = 2kHz, REFIN = 2.048V
l
–111
–98
dB
±12.5V Range, fIN = 2kHz, REFBUF = 5V
l
–106
–96
dB
SFDR
Spurious Free Dynamic Range
±6.25V Range, fIN = 2kHz, REFIN = 1.25V
l
98
110
dB
±10.24V Range, fIN = 2kHz, REFIN = 2.048V
l
98
113
dB
±12.5V Range, fIN = 2kHz, REFBUF = 5V
l
96
108
dB
–3dB Input Linear Bandwidth
7
MHz
Aperture Delay
500
ps
Aperture Jitter
4
psRMS
Transient Response
Full-Scale Step
0.5
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com