Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1468 Datasheet(PDF) 19 Page - Linear Technology

Part # LT1468
Description  16-Bit, 1Msps, 짹10.24V True Bipolar, Pseudo-Differential Input ADC with 93.5dB SNR
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1468 Datasheet(HTML) 19 Page - Linear Technology

Back Button LT1468 Datasheet HTML 15Page - Linear Technology LT1468 Datasheet HTML 16Page - Linear Technology LT1468 Datasheet HTML 17Page - Linear Technology LT1468 Datasheet HTML 18Page - Linear Technology LT1468 Datasheet HTML 19Page - Linear Technology LT1468 Datasheet HTML 20Page - Linear Technology LT1468 Datasheet HTML 21Page - Linear Technology LT1468 Datasheet HTML 22Page - Linear Technology LT1468 Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
LTC2328-16
19
232816fb
For more information www.linear.com/LTC2328-16
Sleep Mode
To enter sleep mode, toggle CNV twice with no interven-
ing rising edge on SCK as shown in Figure 13. The part
will enter sleep mode on the falling edge of BUSY from
the last conversion initiated. Once in sleep mode, a rising
edge on SCK will wake the part up. Upon emerging from
sleep mode, wait tWAKE ms before initiating a conversion
to allow the reference and reference buffer to wake up
and charge the bypass capacitors at REFIN and REFBUF.
Figure 13. Sleep Mode Timing Diagram
232816 F13
CONVERT
CONVERT
SLEEP
NAP AND
ACQUIRE
CNV
BUSY
SCK
tBUSYLH
tWAKE
tCONV
tCNVH
CONVERT
CONVERT
SLEEP
NAP AND
ACQUIRE
NAP AND
ACQUIRE
CNV
BUSY
SCK
tBUSYLH
tWAKE
tCONV
CONVERT
tCONV
tCNVH
CHAIN = DON’T CARE
RDL/SDI = DON’T CARE
CHAIN = DON’T CARE
RDL/SDI = DON’T CARE
applicaTions inForMaTion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com