Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1469 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1469
Description  16-Bit, 250ksps, 짹10.24V True Bipolar, Pseudo-Differential Input ADC with 93.5dB SNR
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1469 Datasheet(HTML) 1 Page - Linear Technology

  LT1469 Datasheet HTML 1Page - Linear Technology LT1469 Datasheet HTML 2Page - Linear Technology LT1469 Datasheet HTML 3Page - Linear Technology LT1469 Datasheet HTML 4Page - Linear Technology LT1469 Datasheet HTML 5Page - Linear Technology LT1469 Datasheet HTML 6Page - Linear Technology LT1469 Datasheet HTML 7Page - Linear Technology LT1469 Datasheet HTML 8Page - Linear Technology LT1469 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
LTC2326-16
1
232616fa
For more information www.linear.com/LTC2326-16
+10.24V
–10.24V
–
+
SAMPLE CLOCK
232616 TA01a
10µF
0.1µF
5V
REF
1.8V TO 5V
47µF
REFBUF
GND
CHAIN
RDL/SDI
SDO
SCK
BUSY
CNV
LTC2326-16
LT®1468
VDD
2.2µF
100nF
REFIN
VDDLBYP OVDD
IN+
IN–
Typical applicaTion
FeaTures
DescripTion
16-Bit, 250ksps, ±10.24V
True Bipolar, Pseudo-Differential
Input ADC with 93.5dB SNR
The LTC®2326-16 is a low noise, high speed 16-bit suc-
cessive approximation register (SAR) ADC with pseudo-
differential inputs. Operating from a single 5V supply, the
LTC2326-16hasa±10.24Vtruebipolarinputrange,making
it ideal for high voltage applications which require a wide
dynamic range. The LTC2326-16 achieves ±1.5LSB INL
maximum, no missing codes at 16 bits with 93.5dB SNR.
The LTC2326-16 has an onboard single-shot capable
reference buffer and low drift (20ppm/°C max) 2.048V
temperature compensated reference. The LTC2326-16
also has a high speed SPI-compatible serial interface that
supports1.8V,2.5V,3.3Vand5Vlogicwhilealsofeaturing
a daisy-chain mode. The fast 250ksps throughput with
no cycle latency makes the LTC2326-16 ideally suited
for a wide variety of high speed applications. An internal
oscillator sets the conversion time, easing external timing
considerations. The LTC2326-16 dissipates only 28mW
and automatically naps between conversions, leading to
reduced power dissipation that scales with the sampling
rate. A sleep mode is also provided to reduce the power
consumption of the LTC2326-16 to 300μW for further
power savings during inactive periods.
L
, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks and
SoftSpan is a trademark of Linear Technology Corporation. All other trademarks are the
property of their respective owners. Protected by U.S. Patents, including 7705765, 7961132.
applicaTions
n
250ksps Throughput Rate
n
±1.5LSB INL (Max)
n
Guaranteed 16-Bit No Missing Codes
n
Pseudo-Differential Inputs
n
True Bipolar Input Ranges ±6.25V, ±10.24V, ±12.5V
n
93.5dB SNR (Typ) at fIN = 2kHz
n
–111dB THD (Typ) at fIN = 2kHz
n
Guaranteed Operation to 125°C
n
Single 5V Supply
n
Low Drift (20ppm/°C Max) 2.048V Internal Reference
n
Onboard Single-Shot Capable Reference Buffer
n
No Pipeline Delay, No Cycle Latency
n
1.8V to 5V I/O Voltages
n
SPI-Compatible Serial I/O with Daisy-Chain Mode
n
Internal Conversion Clock
n
Power Dissipation 28mW (Typ)
n
16-Lead MSOP Package
n
Programmable Logic Controllers
n
Industrial Process Control
n
High Speed Data Acquisition
n
Portable or Compact Instrumentation
n
ATE
32k Point FFT fS = 250ksps,
fIN = 2kHz
FREQUENCY (kHz)
–180
–60
–40
–20
–80
–100
–120
–140
–160
0
232616 TA01b
SNR = 93.5dB
THD = –113dB
SINAD = 93.4dB
SFDR = –117dB
0
25
50
75
125
100


Similar Part No. - LT1469

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1469 LINER-LT1469 Datasheet
179Kb / 12P
Dual 90MHz, 22V/us 16-Bit Accurate Operational Amplifier
LT1469 LINER-LT1469 Datasheet
285Kb / 24P
Dual Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
LT1469 LINER-LT1469 Datasheet
238Kb / 20P
Dual 90MHz, 22V/關s 16-Bit Accurate Operational Amplifi er
LT1469 LINER-LT1469 Datasheet
190Kb / 12P
Dual 200MHz, 30V/關s 16-Bit Accurate AV ??2 Op Amp
LT1469 LINER-LT1469 Datasheet
2Mb / 20P
Dual 90MHz, 22V/s 16-Bit Accurate Operational Amplifier
More results

Similar Description - LT1469

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2336-18 LINER-LTC2336-18_15 Datasheet
760Kb / 24P
True Bipolar, Fully Differential Input ADC with 100dB SNR
LTC2364-16 LINER-LTC2364-16_15 Datasheet
527Kb / 24P
16-Bit, 250ksps, Pseudo- Differential Unipolar SAR ADC with 94.7dB SNR
LTC2326-18 LINER-LTC2326-18_15 Datasheet
1Mb / 26P
True Bipolar, Pseudo-Differential Input ADC with 95dB SNR
LTC2327-16 LINER-LTC2327-16_15 Datasheet
1Mb / 24P
True Bipolar, Pseudo-Differential Input ADC with 93.5dB SNR
LTC2327-18 LINER-LTC2327-18_15 Datasheet
512Kb / 26P
True Bipolar, Pseudo-Differential Input ADC with 95dB SNR
LTC2328-16 LINER-LTC2328-16_15 Datasheet
1Mb / 26P
True Bipolar, Pseudo-Differential Input ADC with 93.5dB SNR
LTC2328-18 LINER-LTC2328-18_15 Datasheet
1Mb / 26P
True Bipolar, Pseudo-Differential Input ADC with 95dB SNR
LTC2326-16 LINER-LTC2326-16_15 Datasheet
1Mb / 24P
True Bipolar, Pseudo-Differential Input ADC with 93.5dB SNR
LTC2364-18 LINER-LTC2364-18_15 Datasheet
1Mb / 24P
18-Bit, 250ksps, Pseudo- Differential Unipolar SAR ADC with 97dB SNR
LTC2328-16 LINER-LTC2328-16 Datasheet
992Kb / 26P
16-Bit, 1Msps, 짹10.24V True Bipolar, Pseudo-Differential Input ADC with 93.5dB SNR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com