Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1469 Datasheet(PDF) 13 Page - Linear Technology

Part # LT1469
Description  16-Bit, 250ksps, 짹10.24V True Bipolar, Pseudo-Differential Input ADC with 93.5dB SNR
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1469 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT1469 Datasheet HTML 9Page - Linear Technology LT1469 Datasheet HTML 10Page - Linear Technology LT1469 Datasheet HTML 11Page - Linear Technology LT1469 Datasheet HTML 12Page - Linear Technology LT1469 Datasheet HTML 13Page - Linear Technology LT1469 Datasheet HTML 14Page - Linear Technology LT1469 Datasheet HTML 15Page - Linear Technology LT1469 Datasheet HTML 16Page - Linear Technology LT1469 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
LTC2326-16
13
232616fa
For more information www.linear.com/LTC2326-16
applicaTions inForMaTion
Figure 5a. LTC2326-16 Internal Reference Circuit
Table 1. Internal Reference with Internal Buffer
REFIN
REFBUF
BIPOLAR INPUT RANGE
2.048V
4.096V
±10.24V
Table 2. External Reference with Internal Buffer
REFIN
(OVERDRIVE)
REFBUF
BIPOLAR INPUT RANGE
1.25V (Min)
2.5V
±6.25V
2.048V
4.096V
±10.24V
2.4V (Max)
4.8V
±12V
Table 3. External Reference Unbuffered
REFIN
REFBUF
(OVERDRIVE)
BIPOLAR INPUT RANGE
0V
2.5V (Min)
±6.25V
0V
5V (Max)
±12.5V
Internal Reference with Internal Buffer
The LTC2326-16 has an on-chip, low noise, low drift
(20ppm/°C max), temperature compensated bandgap
reference that is factory trimmed to 2.048V. It is internally
connected to a reference buffer as shown in Figure 5a and
is available at REFIN (Pin 8). REFIN should be bypassed to
GNDwitha100nFceramiccapacitortominimizenoise.The
reference buffer gains the REFIN voltage by 2 to 4.096V at
REFBUF (Pin 7). So the input range is ±10.24V, as shown
in Table 1. Bypass REFBUF to GND with at least a 47μF
ceramic capacitor (X7R, 10V, 1210 size) to compensate
the reference buffer and minimize noise.
External Reference with Internal Buffer
If more accuracy and/or lower drift is desired, REFIN
can be easily overdriven by an external reference since
a 15k resistor is in series with the reference as shown
in Figure 5b. REFIN can be overdriven in the range from
1.25V to 2.4V. The resulting voltage at REFBUF will be
2 • REFIN. So the input range is ±5 • REFIN, as shown
in Table 2. Linear Technology offers a portfolio of high
performance references designed to meet the needs of
manyapplications.Withitssmallsize,lowpower,andhigh
accuracy, the LTC6655-2.048 is well suited for use with
the LTC2326-16 when overdriving the internal reference.
The LTC6655-2.048 offers 0.025% (max) initial accuracy
and 2ppm/°C (max) temperature coefficient for high pre-
cision applications. The LTC6655-2.048 is fully specified
over the H-grade temperature range and complements
the extended temperature range of the LTC2326-16 up to
125°C.BypassingtheLTC6655-2.048witha2.7μFto100µF
ceramic capacitor close to the REFIN pin is recommended.
External Reference Unbuffered
The internal reference buffer can also be overdriven from
2.5V to 5V with an external reference at REFBUF as shown
in Figure 5c. So the input ranges are ±6.25V to ±12.5V,
respectively, as shown in Table 3. To do so, REFIN must
be grounded to disable the reference buffer. A 13k resistor
loadstheREFBUFpinwhenthereferencebufferisdisabled.
To maximize the input signal swing and corresponding
SNR, the LTC6655-5 is recommended when overdriv-
ing REFBUF. The LTC6655-5 offers the same small size,
accuracy, drift and extended temperature range as the
LTC6655-2.048. By using this 5V reference, an SNR of
94.5dB can be achieved. Bypassing the LTC6655-5 with
a 47μF ceramic capacitor (X5R, 0805 size) close to the
REFBUF pin is recommended.
TheREFBUFpinoftheLTC2326-16drawsacharge(QCONV)
fromtheexternalbypasscapacitorduringeachconversion
cycle. If the internal reference buffer is overdriven, the
external reference must provide all of this charge with a
DC current equivalent to IREFBUF = QCONV/tCYC. Thus, the
DC current draw of REFBUF depends on the sampling
LTC2326-16
BANDGAP
REFERENCE
232616 F05a
47µF
100nF
6.5k
REFBUF
REFIN
15k
6.5k
REFERENCE
BUFFER
GND
–
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com