Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1469 Datasheet(PDF) 11 Page - Linear Technology

Part # LT1469
Description  16-Bit, 250ksps, 짹10.24V True Bipolar, Pseudo-Differential Input ADC with 93.5dB SNR
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1469 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1469 Datasheet HTML 7Page - Linear Technology LT1469 Datasheet HTML 8Page - Linear Technology LT1469 Datasheet HTML 9Page - Linear Technology LT1469 Datasheet HTML 10Page - Linear Technology LT1469 Datasheet HTML 11Page - Linear Technology LT1469 Datasheet HTML 12Page - Linear Technology LT1469 Datasheet HTML 13Page - Linear Technology LT1469 Datasheet HTML 14Page - Linear Technology LT1469 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
LTC2326-16
11
232616fa
For more information www.linear.com/LTC2326-16
applicaTions inForMaTion
OVERVIEw
The LTC2326-16 is a low noise, high speed 16-bit suc-
cessive approximation register (SAR) ADC with pseudo-
differential inputs. Operating from a single 5V supply, the
LTC2326-16hasa±10.24Vtruebipolarinputrange,making
it ideal for high voltage applications which require a wide
dynamic range. The LTC2326-16 achieves ±1.5LSB INL
maximum, no missing codes at 16-bits and 93.5dB SNR.
The LTC2326-16 has an onboard single-shot capable
reference buffer and low drift (20ppm/°C max) 2.048V
temperature-compensated reference. The LTC2326-16
also has a high speed SPI-compatible serial interface that
supports1.8V,2.5V,3.3Vand5Vlogicwhilealsofeaturing
a daisy-chain mode. The fast 250ksps throughput with
no cycle latency makes the LTC2326-16 ideally suited
for a wide variety of high speed applications. An internal
oscillator sets the conversion time, easing external timing
considerations. The LTC2326-16 dissipates only 28mW
and automatically naps between conversions, leading to
reduced power dissipation that scales with the sampling
rate. A sleep mode is also provided to reduce the power
consumption of the LTC2326-16 to 300μW for further
power savings during inactive periods.
CONVERTER OPERATION
The LTC2326-16 operates in two phases. During the
acquisition phase, the charge redistribution capacitor
D/A converter (CDAC) is connected to the outputs of
the resistor divider networks that pins IN+ and IN– drive
to sample an attenuated and level-shifted version of the
pseudo-differential analog input voltage as shown in Fig-
ure 3. A rising edge on the CNV pin initiates a conversion.
Duringtheconversionphase,the16-bitCDACissequenced
throughasuccessiveapproximationalgorithm,effectively
comparing the sampled input with binary-weighted frac-
tions of the reference voltage (e.g. VREFBUF/2, VREFBUF/4
… VREFBUF/65536) using the differential comparator. At
the end of conversion, the CDAC output approximates the
sampledanaloginput.TheADCcontrollogicthenprepares
the 16-bit digital output code for serial transfer.
Figure 2. LTC2326-16 Transfer Function
TRANSFER FUNCTION
The LTC2326-16 digitizes the full-scale voltage of ±2.5 •
REFBUF into 216 levels, resulting in an LSB size of 312.5µV
withREFBUF=4.096V.Theidealtransferfunctionisshown
in Figure 2. The output data is in 2’s complement format.
ANALOG INPUT
The analog inputs of the LTC2326-16 are pseudo-differen-
tial in order to reduce any unwanted signal that is common
to both inputs. The analog inputs can be modeled by the
equivalent circuit shown in Figure 3. The back-to-back
diodes at the inputs form clamps that provide ESD protec-
tion. Each input drives a resistor divider network that has
Figure 3. The Equivalent Circuit for the Differential
Analog Input of the LTC2326-16
RON
50
400
CIN
45pF
RON
50
0.63 • VREFBUF
CIN
45pF
IN+
IN–
BIAS
VOLTAGE
1.6k
1.6k
400
0.63 • VREFBUF
232616 F03
INPUT VOLTAGE (V)
0V
–1
LSB
232616 F02
011...111
011...110
000...001
000...000
100...000
100...001
111...110
1
LSB
BIPOLAR
ZERO
111...111
FSR/2 – 1LSB
–FSR/2
FSR = +FS – –FS
1LSB = FSR/65536



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com