Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1012 Datasheet(PDF) 13 Page - Linear Technology

Part # LT1012
Description  Dual Serial 18-Bit SoftSpan IOUT DACs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1012 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT1012 Datasheet HTML 9Page - Linear Technology LT1012 Datasheet HTML 10Page - Linear Technology LT1012 Datasheet HTML 11Page - Linear Technology LT1012 Datasheet HTML 12Page - Linear Technology LT1012 Datasheet HTML 13Page - Linear Technology LT1012 Datasheet HTML 14Page - Linear Technology LT1012 Datasheet HTML 15Page - Linear Technology LT1012 Datasheet HTML 16Page - Linear Technology LT1012 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
LTC2758
13
2758fb
For more information www.linear.com/LTC2758
Table 1. Command Codes
CODE
COMMAND
READBACK POINTER–
CURRENT INPUT WORD W0
READBACK POINTER–
NEXT INPUT WORD W+1
C3
C2
C1
C0
0
0
1
0
Write Span DAC n
Set by Previous Command
Input Span Register DAC n
0
0
1
1
Write Code DAC n
Set by Previous Command
Input Code Register DAC n
0
1
0
0
Update DAC n
Set by Previous Command
DAC Span Register DAC n
0
1
0
1
Update All DACs
Set by Previous Command
DAC Code Register DAC n
0
1
1
0
Write Span DAC n
Update DAC n
Set by Previous Command
DAC Span Register DAC n
0
1
1
1
Write Code DAC n
Update DAC n
Set by Previous Command
DAC Code Register DAC n
1
0
0
0
Write Span DAC n
Update All DACs
Set by Previous Command
DAC Span Register DAC n
1
0
0
1
Write Code DAC n
Update All DACs
Set by Previous Command
DAC Code Register DAC n
1
0
1
0
Read Input Span Register DAC n
Input Span Register DAC n
1
0
1
1
Read Input Code Register DAC n
Input Code Register DAC n
1
1
0
0
Read DAC Span Register DAC n
DAC Span Register DAC n
1
1
0
1
Read DAC Code Register DAC n
DAC Code Register DAC n
1
1
1
1
No Operation
Set by Previous Command
DAC Code Register DAC n
–
System Clear
–
DAC Span Register DAC A
–
Initial Power-Up or Power Interrupt
–
DAC Span Register DAC A
Codes not shown are reserved–do not use
Table 2. Address Codes
A3
A2
A1
A0
n
0
0
0
×
DAC A
0
0
1
×
DAC B
1
1
1
×
All DACs (Note 1)
Codes not shown are reserved–do not use. × = Don’t Care.
Note 1. If readback is taken using the All DACs address, the LTC2758
defaults to DAC A.
Table 3. Span Codes
S3 S2 S1 S0 SPAN
×
0
0
0
Unipolar 0V to 5V
×
0
0
1
Unipolar 0V to 10V
×
0
1
0
Bipolar –5V to 5V
×
0
1
1
Bipolar –10V to 10V
×
1
0
0
Bipolar –2.5V to 2.5V
×
1
0
1
Bipolar –2.5V to 7.5V
Codes not shown are reserved–do not use. × = Don’t Care.
operaTion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com