Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1012 Datasheet(PDF) 14 Page - Linear Technology

Part # LT1012
Description  Dual Serial 18-Bit SoftSpan IOUT DACs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1012 Datasheet(HTML) 14 Page - Linear Technology

Back Button LT1012 Datasheet HTML 10Page - Linear Technology LT1012 Datasheet HTML 11Page - Linear Technology LT1012 Datasheet HTML 12Page - Linear Technology LT1012 Datasheet HTML 13Page - Linear Technology LT1012 Datasheet HTML 14Page - Linear Technology LT1012 Datasheet HTML 15Page - Linear Technology LT1012 Datasheet HTML 16Page - Linear Technology LT1012 Datasheet HTML 17Page - Linear Technology LT1012 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
LTC2758
14
2758fb
For more information www.linear.com/LTC2758
operaTion
Examples
1. Load DAC A with 0V to 10V range, output at zero
volts; and DAC B with ±10V range, output at zero
volts. Note the DAC outputs should change at the
same time.
a) CS/LD↓. Clock SDI:
00101111 00000000 00000011 00000000
b) CS/LD↑
Span Input register- Range of DACs set to bipolar ±10V.
c) CS/LD↓. Clock SDI:
00100000 00000000 00000001 00000000
d) CS/LD↑
Span Input register- Range of DAC A set to unipolar
0V to 10V.
e) CS/LD↓. Clock SDI:
00111111 10000000 00000000 00XXXXXX
f) CS/LD↑
Code Input register- Code of all DACs set to mid-scale.
g) CS/LD↓. Clock SDI:
00110000 00000000 00000000 00XXXXXX
h) CS/LD↑
Code Input register- Code of DAC A set to zero.
i) CS/LD↓. Clock SDI:
01001111 XXXXXXXX XXXXXXXX XXXXXXXX
j) CS/LD↑
Update all DACs for both Code and Range.
k) Alternatively steps i and j could be replaced with
LDAC
.
2. Load DAC B with ±2.5V range with its output at zero
volts. Use readback to check Input register contents
before updating the DAC output (i.e., before copying
Input register contents into DAC registers). Note that
after power-on, the code in Input registers is zero.
a) CS/LD↓. Clock SDI:
00110010 10000000 00000000 00XXXXXX
b) CS/LD↑
Code Input register- DAC B set to mid-scale.
c) CS/LD↓. Clock SDI:
00100010 00000000 00000100 00000000
Data out on SRO:
10000000 00000000 00000000
Verifies Code Input register- DAC B set to mid-scale.
d) CS/LD↑
Span Input register- Range of DAC B set to Bipolar
±2.5V range.
e) CS/LD↓. Clock SDI:
10100010 XXXXXXXX XXXXXXXX XXXXXXXX
Data Out on SRO:
00000000 00000100 00000000
Verifies Span Input register- DAC B set to Bipolar
±2.5V Range.
CS/LD↑
f) CS/LD↓. Clock SDI:
01000010 XXXXXXXX XXXXXXXX XXXXXXXX
g) CS/LD↑
Update DAC B for both Code and Range
h) Alternatively steps f and g could be replaced with
LDAC
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com