Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1012 Datasheet(PDF) 24 Page - Linear Technology

Part # LT1012
Description  Dual Serial 18-Bit SoftSpan IOUT DACs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1012 Datasheet(HTML) 24 Page - Linear Technology

Back Button LT1012 Datasheet HTML 16Page - Linear Technology LT1012 Datasheet HTML 17Page - Linear Technology LT1012 Datasheet HTML 18Page - Linear Technology LT1012 Datasheet HTML 19Page - Linear Technology LT1012 Datasheet HTML 20Page - Linear Technology LT1012 Datasheet HTML 21Page - Linear Technology LT1012 Datasheet HTML 22Page - Linear Technology LT1012 Datasheet HTML 23Page - Linear Technology LT1012 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
LTC2758
24
2758fb
For more information www.linear.com/LTC2758
LINEAR TECHNOLOGY CORPORATION 2011
LT 1116 REV B • PRINTED IN USA
LinearTechnology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 ● FAX: (408) 434-0507 ● www.linear.com/LTC2758
relaTeD parTs
Typical applicaTion
PART NUMBER DESCRIPTION
COMMENTS
LTC2757
Single Parallel 18-Bit IOUT SoftSpan DAC
±1LSB INL/DNL, Software-Selectable Ranges, 7mm × 7mm LQFP-48 Package
LTC1592
Single Serial 16-/14-/12-Bit IOUT SoftSpan DACs
±1LSB INL, DNL, Software-Selectable Ranges, 16-Lead SSOP Package
LTC2752
Dual Serial 16-Bit IOUT SoftSpan DAC
±1LSB INL/DNL, Software-Selectable Ranges, 7mm × 7mm LQFP-48 Package
LTC2754-12
Quad Serial 16-/12-Bit IOUT SoftSpan DACs
±1LSB INL/DNL, Software-Selectable Ranges, 7mm × 8mm QFN-52 Package
LTC2704-12
Quad Serial 16-/14-/12-Bit VOUT SoftSpan DACs
±1LSB INL/DNL, Software-Selectable Ranges, Integrated Amplifiers
References
LTC6655
Low Drift Precision Buffered Reference
0.025% Max Tolerance, 2ppm/°C Max, 0.25ppmP-P 0.1Hz to 10Hz Noise
LT1236
Precision Reference
0.05% Max Tolerance, 5ppm/°C Max, 3µVP-P 0.1Hz to 10Hz Noise
LT1460
Micropower Precision Series Reference
0.075% Max Tolerance, 10ppm/°C Max, 20µVP-P 0.1Hz to 10Hz Noise
LT1790
Micropower Low Dropout Reference
0.05% Max Tolerance, 10ppm/°C Max, 12µVP-P 0.1Hz to 10Hz Noise
LTC6652
Precision Low Drift Low Noise Buffered Reference 0.05% Max Tolerance, 5ppm/°C Max, 2.1ppmP-P 0.1Hz to 10Hz Noise
Amplifiers
LTC1150
Zero-Drift Op Amp with Internal Capacitors
10µV Max Offset, ±16V High Voltage Operation, 1.8µVP-P Noise
LT1012
Precision Op Amp
25µV Max Offset, 100pA Max Input Current, 0.5µVP-P Noise, 380µA Supply Current
LT1001
Precision Op Amp
25µV Max Offset, 0.3µVP-P Noise, High Output Drive
LT1468
Single 16-Bit Accurate Op Amp
900ns Settling, 90MHz GBW, 22V/μs Slew Rate, 75µV Max Offset
Composite Amplifier Circuit Achieves Both Fast Settling and 18-Bit Precision with No Adjustments
10k
LTC2758
GND
VDD
LDAC
CLR
RINA ROFSB
RCOMB RINB
REFA, REFB
SDI
SPI BUS
SCK
CS/LD
SRO
ROFSA
GEADJA
GEADJB
RCOMA
VOSADJA
VOSADJB
S2
S0
M-SPAN
S1
IOUT1A
IOUT2A
IOUT1B
IOUT2B
RFBA
RFBB
–
+
2758 TA02
LTC2054HV
–5V
5V
10k
8, 9
44
26
19
43
4
42
33
22
25
24
23
45, 46
OUT
IN
1, 2, 35, 36
3
28, 29
7, 10, 15, 17,
18, 27, 30
41
11
12
13
14
39, 40
1µF
10k
1µF
1k
10k
10k
1k
–
+
LTC6240HV
–5V
5V
–15V
15V
100pF
+
–
10Ω
5pF
4.02k
1k
–
+
LTC2054HV
–5V
5V
10k
1µF
1µF
1k
1k
–
+
LTC6240HV
–5V
5V
–15V
15V
100pF
+
–
10Ω
5pF
4.02k
1k
LT1360
VOUTA
VOUTB
LT1360
–15V
15V
12V
+
–
LT1012
100pF
LTC6655-5
10µF
0.1µF
16
5, 6 37, 38
34
31, 32
47, 48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com