Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1355 Datasheet(PDF) 9 Page - Linear Technology

Part # LT1355
Description  16-Bit, 1Msps 8-Channel Differential 짹10.24V Input SoftSpan ADC with Wide Input Common Mode Range
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1355 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1355 Datasheet HTML 5Page - Linear Technology LT1355 Datasheet HTML 6Page - Linear Technology LT1355 Datasheet HTML 7Page - Linear Technology LT1355 Datasheet HTML 8Page - Linear Technology LT1355 Datasheet HTML 9Page - Linear Technology LT1355 Datasheet HTML 10Page - Linear Technology LT1355 Datasheet HTML 11Page - Linear Technology LT1355 Datasheet HTML 12Page - Linear Technology LT1355 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
LTC2335-16
9
233516f
For more information www.linear.com/LTC2335-16
Typical perForMance characTerisTics
Integral Nonlinearity
vs Output Code and Range
Integral Nonlinearity
vs Output Code and Range
Integral Nonlinearity
vs Output Code and Range
Integral Nonlinearity
vs Output Code
DC Histogram (Zero-Scale)
DC Histogram (Near Full-Scale)
Integral Nonlinearity
vs Output Code and Channel
Integral Nonlinearity
vs Output Code and Channel
Differential Nonlinearity
vs Output Code and Range
TA = 25°C, VCC = +15V, VEE = –15V, VDD = 5V,
OVDD = 2.5V, Internal Reference and Buffer (VREFBUF  = 4.096V), fSMPL = 1Msps, unless otherwise noted.
±10.24V RANGE
TRUE BIPOLAR DRIVE (IN– = 0V)
ALL CHANNELS
OUTPUT CODE
–32768
–16384
0
16384
32768
–1.00
–0.75
–0.50
–0.25
0
0.25
0.50
0.75
1.00
233516 G01
±10.24V RANGE
FULLY DIFFERENTIAL DRIVE (IN– = –IN+)
ALL CHANNELS
OUTPUT CODE
–32768
–16384
0
16384
32768
–1.00
–0.75
–0.50
–0.25
0
0.25
0.50
0.75
1.00
233516 G02
ALL RANGES
ALL CHANNELS
OUTPUT CODE
0
16384
32768
49152
65536
–0.25
–0.20
–0.15
–0.10
–0.05
0.00
0.05
0.10
0.15
0.20
0.25
233516 G03
TRUE BIPOLAR DRIVE (IN– = 0V)
ONE CHANNEL
±10.24V AND ±10V
RANGES
±5.12V AND ±5V
RANGES
OUTPUT CODE
–32768
–16384
0
16384
32768
–1.00
–0.75
–0.50
–0.25
0
0.25
0.50
0.75
1.00
233516 G04
FULLY DIFFERENTIAL DRIVE (IN– = –IN+)
ONE CHANNEL
±10.24V, ±10V,
±5.12V, AND ±5V
RANGES
OUTPUT CODE
–32768
–16384
0
16384
32768
–1.00
–0.75
–0.50
–0.25
0
0.25
0.50
0.75
1.00
233516 G05
UNIPOLAR DRIVE (IN– = 0V)
ONE CHANNEL
0V to 5.12V AND
0V to 5V RANGES
0V to 10.24V AND
0V to 10V RANGES
OUTPUT CODE
0
16384
32768
49152
65536
–1.00
–0.75
–0.50
–0.25
0
0.25
0.50
0.75
1.00
233516 G06
±10.24V RANGE
TRUE BIPOLAR DRIVE (IN– = 0V)
ARBITRARY DRIVE
IN+/IN– COMMON MODE
SWEPT –10.24V to 10.24V
OUTPUT CODE
–32768
–16384
0
16384
32768
–1.00
–0.75
–0.50
–0.25
0
0.25
0.50
0.75
1.00
233516 G07
±10.24V RANGE
CODE
–3
–2
–1
0
1
2
0
50000
100000
150000
200000
250000
233516 G08
±10.24V RANGE
CODE
32741
32743
32745
32747
0
50000
100000
150000
200000
250000
233516 G09



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com