Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1355 Datasheet(PDF) 21 Page - Linear Technology

Part # LT1355
Description  16-Bit, 1Msps 8-Channel Differential 짹10.24V Input SoftSpan ADC with Wide Input Common Mode Range
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1355 Datasheet(HTML) 21 Page - Linear Technology

Back Button LT1355 Datasheet HTML 17Page - Linear Technology LT1355 Datasheet HTML 18Page - Linear Technology LT1355 Datasheet HTML 19Page - Linear Technology LT1355 Datasheet HTML 20Page - Linear Technology LT1355 Datasheet HTML 21Page - Linear Technology LT1355 Datasheet HTML 22Page - Linear Technology LT1355 Datasheet HTML 23Page - Linear Technology LT1355 Datasheet HTML 24Page - Linear Technology LT1355 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
LTC2335-16
21
233516f
For more information www.linear.com/LTC2335-16
applicaTions inForMaTion
24ns implies a 16-bit settling time to a full-scale step of
approximately11 • (RIN • CIN) = 264ns.Theimpedanceand
self-settling of external circuitry connected to the analog
input pins will increase the overall settling time required.
Low impedance sources can directly drive the inputs of
the LTC2335-16 without gain error, but high impedance
sources should be buffered to ensure sufficient settling
during acquisition and to optimize the linearity and distor-
tion performance of the ADC. Settling time is an important
consideration even for DC input signals, as the voltages on
the sampling capacitors will differ from the analog input
pin voltages at the start of acquisition.
Mostapplicationsshoulduseabufferamplifiertodrivethe
analog inputs of the LTC2335-16. The amplifier provides
low output impedance, enabling fast settling of the analog
signal during the acquisition phase. It also provides isola-
tion between the signal source and the charge flow at the
analog inputs when entering acquisition.
Input Filtering
The noise and distortion of an input buffer amplifier and
other supporting circuitry must be considered since they
add to the ADC noise and distortion. Noisy input signals
should be filtered prior to the buffer amplifier with a low-
bandwidth filter to minimize noise. The simple one-pole
RC lowpass filter shown in Figure 5 is sufficient for many
applications.
At the output of the buffer, a lowpass RC filter network
formed by the 600Ω sampling switch on-resistance (RIN)
and the 40pF sampling capacitance (CIN) limits the input
bandwidth on each channel to 7MHz, which is fast enough
to allow for sufficient transient settling during acquisition
while simultaneously filtering driver wideband noise.
A buffer amplifier with low noise density should be se-
lected to minimize SNR degradation over this bandwidth.
An additional filter network may be placed between the
buffer output and ADC input to further minimize the noise
other. Traditional examples include fully differential input
signals, where IN+ and IN– are driven 180 degrees out-of-
phasewithrespecttoeachothercenteredaroundacommon
mode voltage (VIN+ + VIN–)/2,andpseudo-differentialtrue
bipolar input signals, where IN+ swings above and below
a ground reference level, driven on IN–. Regardless of the
chosen SoftSpan range, the wide common mode input
range and high CMRR of the IN+/IN– analog inputs allow
them to swing with an arbitrary relationship to each other,
provided each pin remains between (VCC – 4V) and VEE.
The output data format for all bipolar SoftSpan ranges is
two’s complement.
Unipolar SoftSpan Input Ranges
For conversions configured in SoftSpan ranges 5, 4, 1,
or 0, the LTC2335-16 digitizes the differential analog
input voltage (VIN+ – VIN–) over a unipolar span of 0V
to 2.5 • VREFBUF, 0V to 2.5 • VREFBUF/1.024, 0V to 1.25 •
VREFBUF, or 0V to 1.25 • VREFBUF/1.024, respectively, as
shown in Table 1a. These SoftSpan ranges are useful for
digitizing input signals where IN+ remains above IN–. A
traditional example includes pseudo-differential unipolar
input signals, where IN+ swings above a ground reference
level, driven on IN–. Regardless of the chosen SoftSpan
range, the wide common mode input range and high
CMRR of the IN+/IN– analog inputs allow them to swing
with an arbitrary relationship to each other, provided each
pin remains between (VCC – 4V) and VEE. The output data
format for all unipolar SoftSpan ranges is straight binary.
INPUT DRIVE CIRCUITS
The initial voltage on each channel’s sampling capacitors
at the start of acquisition must settle to the new input
pin voltages during the acquisition interval. The external
circuitry connected to IN+ and IN– must source or sink
the charge that flows through RIN as this settling occurs.
The LTC2335-16 sampling network RC time constant of



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com