Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1355 Datasheet(PDF) 34 Page - Linear Technology

Part # LT1355
Description  16-Bit, 1Msps 8-Channel Differential 짹10.24V Input SoftSpan ADC with Wide Input Common Mode Range
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1355 Datasheet(HTML) 34 Page - Linear Technology

Back Button LT1355 Datasheet HTML 30Page - Linear Technology LT1355 Datasheet HTML 31Page - Linear Technology LT1355 Datasheet HTML 32Page - Linear Technology LT1355 Datasheet HTML 33Page - Linear Technology LT1355 Datasheet HTML 34Page - Linear Technology LT1355 Datasheet HTML 35Page - Linear Technology LT1355 Datasheet HTML 36Page - Linear Technology LT1355 Datasheet HTML 37Page - Linear Technology LT1355 Datasheet HTML 38Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 40 page
background image
LTC2335-16
34
233516f
For more information www.linear.com/LTC2335-16
applicaTions inForMaTion
Eachdatatransactionwindowisanopportunitytoprogram
thesequencerbyclockinginaseriesof8-bitcontrolwords
on SDI, each specifying a channel number and SoftSpan
range, as shown in Figures 17 and 18. To program the
sequencer with a series of up to 16 conversion configu-
rations, write in the corresponding control words in the
desired conversion order during a single data transaction.
Words beyond the 16th valid word will be ignored.
The control word format is as follows:
C[7]
C[6]
C[5]
C[4]
C[3]
C[2]
C[1]
C[0]
V
0
CH[2] CH[1] CH[0] SS[2] SS[1] SS[0]
The V bit (C[7]) controls whether the LTC2335-16 should
consider this a valid word. Any words which have V =
0 are considered invalid and are ignored (though valid
words will still be accepted after an invalid word). Words
which have V = 1 will be added to the sequencer in the
order provided. The C[6] bit is reserved for future use and
should be set to 0. The CH[2:0] (C[5:3]) bits are a binary
value 0 to 7 controlling the channel to be converted. The
SS[2:0] (C[2:0]) bits specify the desired SoftSpan range
for the conversion, as described in Table 1.
Sequencer programming is completed when the next
conversion is started. At this time, any incomplete words
are considered invalid and discarded. If one or more
valid words were provided, the sequencer is completely
overwritten with the new sequence, and the just-initiated
conversion employs the first provided configuration.
If no valid words were provided during the data transac-
tion window, the sequencer program is unchanged, and
the pointer advances to the next entry in the previously
programmed cycle to configure the next conversion.
Thus, once the sequencer has been programmed, simply
hold SDI low during subsequent data transactions to
cycle continually through the programmed sequence of
configurations.
Direct Per-Conversion Configuration
As a special case of the sequencer, the LTC2335-16
multiplexer and SoftSpan range can be directly controlled
every conversion with no latency and no additional set-
tling time or digital I/O overhead. To use the part in this
direct fashion, simply supply one control word on SDI
during a data transaction to specify the desired channel
number and SoftSpan range for the following conversion,
as shown in Figure 17.
If the desired channel and SoftSpan range for conversion
N+1 are known before seeing the result of conversion N,
specify the configuration by clocking in the corresponding
control word on SDI while clocking out the first 8 bits,
then hold SDI low. This particular use case is illustrated in
Figure 17. If the desired configuration is not known until
after the conversion data has been read, clock in 24 zeros
on SDI while the 24 bits of data are being read out; since
the V bits of those words are then 0, they are ignored.
Once the configuration has been determined, clock in 8
more bits on SDI which specify the desired configuration
for conversion N+1.
Serial LVDS I/O Mode
In LVDS I/O mode, information is transmitted using
positive and negative signal pairs (LVDS+/LVDS−) with bits
differentially encoded as (LVDS+ − LVDS−). These signals
are typically routed using differential transmission lines
with 100Ω characteristic impedance. Logical 1s and 0s
are nominally represented by differential +350mV and
−350mV,respectively.Forclarity,allLVDStimingdiagrams
and interface discussions adopt the logical rather than
physical convention.
As shown in Figure 19, in LVDS I/O mode the serial data
bus consists of a serial clock differential input, SCKI, serial
data differential input, SDI, serial clock differential output,
SCKO, and serial data differential output, SDO. Communi-
cation with the LTC2335-16 across this bus occurs during
predefined data transaction windows. Within a window,
the device accepts control words on SDI to configure the
SoftSpan range and channel for the next conversion and



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com