Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1921 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1921
Description  Negative Voltage Hot Swap Controllers in SOT-23
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1921 Datasheet(HTML) 1 Page - Linear Technology

  LTC1921 Datasheet HTML 1Page - Linear Technology LTC1921 Datasheet HTML 2Page - Linear Technology LTC1921 Datasheet HTML 3Page - Linear Technology LTC1921 Datasheet HTML 4Page - Linear Technology LTC1921 Datasheet HTML 5Page - Linear Technology LTC1921 Datasheet HTML 6Page - Linear Technology LTC1921 Datasheet HTML 7Page - Linear Technology LTC1921 Datasheet HTML 8Page - Linear Technology LTC1921 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
1
4251b12f
LTC4251B/LTC4251B-1/
LTC4251B-2
+
LTC4251B
UV/OV
TIMER
GATE
SENSE
VIN
VEE
LOAD
–48RTN
–48RTN
(SHORT PIN)
DIN
†
DDZ13B**
R1
402k
1%
RC
10Ω
RS
0.02Ω
R2
32.4k
1%
–48V
CT
150nF
C1
10nF
CC
18nF
CIN
1μF
CL
100μF
RIN*
10k
500mW
VOUT
Q1
IRF530S
4251b12 TA01a
4
3
2
1
*TWO 0.25W RESISTORS IN SERIES FOR
RIN ON THE PCB ARE RECOMMENDED.
**DIODES, INC.
†RECOMMENDED FOR HARSH ENVIRONMENTS
GATE
5V/DIV
SENSE
2.5A/DIV
VOUT
20V/DIV
4251b12 TA01b
1ms/DIV
TYPICAL APPLICATION
FEATURES
DESCRIPTION
Negative Voltage
Hot Swap Controllers in SOT-23
APPLICATIONS
L, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks and
Hot Swap and ThinSOT are trademarks of Linear Technology Corporation. All other trademarks
are the property of their respective owners.
n Hot Board Insertion
n Electronic Circuit Breaker
n –48V Distributed Power Systems
n Negative Power Supply Control
n Central Office Switching
n Programmable Current Limiting Circuit
n High Availability Servers
n Disk Arrays
n Allows Safe Board Insertion and Removal from a
Live –48V Backplane
n Floating Topology Permits Very High Voltage
Operation
n Programmable Analog Current Limit with Circuit
Breaker Timer
n Fast Response Time Limits Peak Fault Current
n Improved Ruggedness Shunt Regulator
n Programmable Timer
n Programmable Undervoltage/Overvoltage Protection
n Low Profile 6-Lead SOT-23 (ThinSOT™) Package
The LTC®4251B/LTC4251B-1/LTC4251B-2 negative voltage
Hot Swap™ controllers allow a board to be safely inserted
and removed from a live backplane. Output current is con-
trolled by three stages of current limiting: a timed circuit
breaker, active current limiting and a fast feedforward path
that limits peak current under worst-case catastrophic
fault conditions.
Programmable undervoltage and overvoltage detectors
disconnect the load whenever the input supply exceeds
the desired operating range. The supply input is shunt
regulated, allowing safe operation with very high supply
voltages. A multifunction timer delays initial start-up and
controls the circuit breaker’s response time.
The LTC4251B UV/OV thresholds are designed to match
the standard telecom operating range of – 43V to –75V. The
LTC4251B-1 UV/OV thresholds extend the operating range
to encompass –36V to –72V. The LTC4251B-2 implements
a UV threshold of –43V only. The LTC4251B improves the
ruggedness of the LTC4251 shunt regulator.
–48V, 2.5A Hot Swap Controller
Start-Up Behavior


Similar Part No. - LTC1921

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1921 LINER-LTC1921 Datasheet
177Kb / 12P
Dual .48V Supply and Fuse Monitor
LTC1921 LINER-LTC1921 Datasheet
174Kb / 12P
Dual -48V Supply and Fuse Monitor
LTC1921 LINER-LTC1921 Datasheet
233Kb / 14P
Ultralow Power Quad
LTC1921 LINER-LTC1921 Datasheet
258Kb / 22P
High Voltage, High-Side Current Sense
LTC1921 LINER-LTC1921 Datasheet
180Kb / 12P
Dual 48V Supply and Fuse Monitor
More results

Similar Description - LTC1921

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4252-1 LINER-LTC4252-1 Datasheet
399Kb / 36P
Negative Voltage Hot Swap Controllers
LTC4251 LINER-LTC4251 Datasheet
240Kb / 20P
Negative Voltage Hot Swap Controllers in SOT-23
LTC4252-1 LINER-LTC4252-1_12 Datasheet
319Kb / 36P
Negative Voltage Hot Swap Controllers
LTC4251 LINER-LTC4251_15 Datasheet
272Kb / 24P
Negative Voltage Hot Swap Controllers in SOT-23
LTC4251-1 LINER-LTC4251-1_15 Datasheet
272Kb / 24P
Negative Voltage Hot Swap Controllers in SOT-23
LTC4251-2 LINER-LTC4251-2_15 Datasheet
272Kb / 24P
Negative Voltage Hot Swap Controllers in SOT-23
LTC4251B LINER-LTC4251B_15 Datasheet
213Kb / 24P
Negative Voltage Hot Swap Controllers in SOT-23
LTC4251B-1 LINER-LTC4251B-1_15 Datasheet
213Kb / 24P
Negative Voltage Hot Swap Controllers in SOT-23
LTC4251B-2 LINER-LTC4251B-2_15 Datasheet
213Kb / 24P
Negative Voltage Hot Swap Controllers in SOT-23
LTC4252B-2 LINER-LTC4252B-2_15 Datasheet
467Kb / 36P
Negative Voltage Hot Swap Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com