Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1921 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1921
Description  Negative Voltage Hot Swap Controllers in SOT-23
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1921 Datasheet(HTML) 3 Page - Linear Technology

  LTC1921 Datasheet HTML 1Page - Linear Technology LTC1921 Datasheet HTML 2Page - Linear Technology LTC1921 Datasheet HTML 3Page - Linear Technology LTC1921 Datasheet HTML 4Page - Linear Technology LTC1921 Datasheet HTML 5Page - Linear Technology LTC1921 Datasheet HTML 6Page - Linear Technology LTC1921 Datasheet HTML 7Page - Linear Technology LTC1921 Datasheet HTML 8Page - Linear Technology LTC1921 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
3
4251b12f
LTC4251B/LTC4251B-1/
LTC4251B-2
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VGATEL
Gate Low Threshold
(Before Gate Ramp-Up)
0.5
V
VUVHI
UV Threshold High
LTC4251B/LTC4251B-2
LTC4251B-1
l
l
3.075
2.300
3.225
2.420
3.375
2.540
V
V
VUVLO
UV Threshold Low
LTC4251B/LTC4251B-2
LTC4251B-1
l
l
2.775
2.050
2.925
2.160
3.075
2.270
V
V
VUVHST
UV Hysteresis
LTC4251B/LTC4251B-2
LTC4251B-1
0.30
0.26
V
V
VOVHI
OV Threshold High
LTC4251B
LTC4251B-1
l
l
5.85
5.86
6.15
6.17
6.45
6.48
V
V
VOVLO
OV Threshold Low
LTC4251B
LTC4251B-1
l
l
5.25
5.61
5.55
5.91
5.85
6.21
V
V
VOVHST
OV Hysteresis
LTC4251B
LTC4251B-1
0.60
0.26
V
V
ISENSE
SENSE Input Current
UV/OV = 4V, VSENSE = 50mV
l
–30
–15
μA
IINP
UV/OV Input Current
UV/OV = 4V
l
±0.1
±1
μA
VTMRH
Timer Voltage High Threshold
4V
VTMRL
Timer Voltage Low Threshold
1V
ITMR
Timer Current
Timer On (Initial Cycle, Sourcing), VTMR = 2V
Timer Off (Initial Cycle, Sinking), VTMR = 2V
Timer On (Circuit Breaker, Sourcing), VTMR = 2V
Timer Off (Cooling Cycle, Sinking), VTMR = 2V
5.8
28
230
5.8
μA
mA
μA
μA
tPLLUG
UV Low to GATE Low
0.7
μs
tPHLOG
OV High to GATE Low
LTC4251B/LTC4251B-1
1
μs
VIN (V)
02
4
6
8
10 12 14 16 18 20 22
1000
100
10
1
0.1
4251b12 G02
TA = –40°C
TA = 125°C
TA = 25°C
TA = 85°C
IIN vs Temperature
IIN vs VIN
rZ vs Temperature
UV/OV = 4V refers to UV = 4V for the LTC4251B-2.
Note 2: All currents into device pins are positive; all currents out of device
pins are negative. All voltages are referenced to VEE unless otherwise
specified.
Note 3: UV/OV = 4V refers to UV = 4V for the LTC4251B-2.
TYPICAL PERFORMANCE CHARACTERISTICS
TEMPERATURE (°C)
–55
2000
1800
1600
1400
1200
1000
800
600
400
200
0
–15
25
45
125
4251b12 G01
–35
5
65
85 105
VIN = (VZ – 0.3V)
TEMPERATURE (°C)
–55
10
9
8
7
6
5
4
3
2
–15
25
45
125
4251b12 G03
–35
5
65
85 105
IIN = 2mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com