Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1921 Datasheet(PDF) 20 Page - Linear Technology

Part # LTC1921
Description  Negative Voltage Hot Swap Controllers in SOT-23
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1921 Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC1921 Datasheet HTML 16Page - Linear Technology LTC1921 Datasheet HTML 17Page - Linear Technology LTC1921 Datasheet HTML 18Page - Linear Technology LTC1921 Datasheet HTML 19Page - Linear Technology LTC1921 Datasheet HTML 20Page - Linear Technology LTC1921 Datasheet HTML 21Page - Linear Technology LTC1921 Datasheet HTML 22Page - Linear Technology LTC1921 Datasheet HTML 23Page - Linear Technology LTC1921 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
20
4251b12f
LTC4251B/LTC4251B-1/
LTC4251B-2
APPLICATIONS INFORMATION
(12a) Momentary Circuit-Breaker Fault
(12b) Circuit-Breaker Time-Out
Figure 12. Timer Behavior (All Waveforms are Referenced to VEE)
(12c) Multiple Circuit-Breaker Faults
TIMER
GATE
SENSE
VOUT
VACL
VTMRL
VCB
5.8μA
5.8μA
CB FAULT
230μA
12
4251b12 F12a
TIMER
GATE
SENSE
VOUT
VACL
VTMRH
VCB
5.8μA
CB FAULT
230μA
12
TIMER LATCHES OFF
4251b12 F12b
TIMER
GATE
SENSE
VOUT
VACL
VTMRH
VCB
5.8μA
5.8μA
230μA
230μA
14
3
2
TIMER LATCHES OFF
4251b12 F12c



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com