Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2624IGN Datasheet(PDF) 10 Page - Linear Technology

Part # LTC2624IGN
Description  Quad 16-Bit Rail-to-Rail DACs in 16-Lead SSOP
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2624IGN Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC2624IGN Datasheet HTML 6Page - Linear Technology LTC2624IGN Datasheet HTML 7Page - Linear Technology LTC2624IGN Datasheet HTML 8Page - Linear Technology LTC2624IGN Datasheet HTML 9Page - Linear Technology LTC2624IGN Datasheet HTML 10Page - Linear Technology LTC2624IGN Datasheet HTML 11Page - Linear Technology LTC2624IGN Datasheet HTML 12Page - Linear Technology LTC2624IGN Datasheet HTML 13Page - Linear Technology LTC2624IGN Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
LTC2604/LTC2614/LTC2624
2604f
Table 1.
COMMAND*
C3
C2
C1
C0
0000
Write to Input Register n
0001
Update (Power Up) DAC Register n
0010
Write to Input Register n, Update (Power Up) All n
0011
Write to and Update (Power Up) n
0100
Power Down n
1111
No Operation
ADDRESS (n)*
A3
A2
A1
A0
0000
DAC A
0001
DAC B
0010
DAC C
0011
DAC D
1111
All DACs
OPERATIO
only be transferred to the device when the CS/LD signal is
low.The rising edge of CS/LD ends the data transfer and
causes the device to carry out the action specified in the
24-bit input word. The complete sequence is shown in
Figure 2a.
The command (C3-C0) and address (A3-A0) assignments
are shown in Table 1. The first four commands in the table
consist of write and update operations. A write operation
loads a 16-bit data word from the 32-bit shift register into
the input register of the selected DAC, n. An update
operation copies the data word from the input register to
the DAC register. Once copied into the DAC register, the
data word becomes the active 16-, 14- or 12-bit input
code, and is converted to an analog voltage at the DAC
output. The update operation also powers up the selected
DAC if it had been in power-down mode. The data path and
registers are shown in the block diagram.
While the minimum input word is 24 bits, it may optionally
be extended to 32 bits. To use the 32-bit word width, 8
don’t-care bits are transferred to the device first, followed
by the 24-bit word as just described. Figure 2b shows the
32-bit sequence. The 32-bit word is required for daisy-
chain operation, and is also available to accommodate
microprocessors which have a minimum word width of 16
bits (2 bytes).
Power-On Reset
The LTC2604/LTC2614/LTC2624 clear the outputs to zero
scale when power is first applied, making system initializa-
tion consistent and repeatable.
For some applications, downstream circuits are active
during DAC power-up, and may be sensitive to nonzero
outputs from the DAC during this time. The LTC2604/
LTC2614/LTC2624 contain circuitry to reduce the power-
on glitch; furthermore, the glitch amplitude can be made
arbitrarily small by reducing the ramp rate of the power
supply. For example, if the power supply is ramped to 5V
in 1ms, the analog outputs rise less than 10mV above
ground (typ) during power-on. See Power-On Reset Glitch
in the Typical Performance Characteristics section.
Power Supply Sequencing
The voltage at REF (Pins 3, 6, 12 and 15) should be kept
within the range – 0.3V
≤ REF x ≤ VCC + 0.3V (see Absolute
Maximum Ratings). Particular care should be taken to
observe these limits during power supply turn-on and
turn-off sequences, when the voltage at VCC (Pin 16) is in
transition.
Transfer Function
The digital-to-analog transfer function is
V
k
REF x REFLO
REFLO
OUT IDEAL
N
()
[–
]
= 


+
2
where k is the decimal equivalent of the binary DAC input
code, N is the resolution and REF x is the voltage at REF A,
REF B, REF C and REF D (Pins 3, 6, 12 and 15).
Serial Interface
The CS/LD input is level triggered. When this input is taken
low, it acts as a chip-select signal, powering-on the SDI
and SCK buffers and enabling the input shift register. Data
(SDI input) is transferred at the next 24 rising SCK edges.
The 4-bit command, C3-C0, is loaded first; then the 4-bit
DAC address, A3-A0; and finally the 16-bit data word. The
data word comprises the 16-, 14- or 12-bit input code,
ordered MSB-to-LSB, followed by 0, 2 or 4 don’t-care bits
(LTC2604, LTC2614 and LTC2624 respectively). Data can
*Command and address codes not shown are reserved and should not be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com