Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2624IGN Datasheet(PDF) 16 Page - Linear Technology

Part # LTC2624IGN
Description  Quad 16-Bit Rail-to-Rail DACs in 16-Lead SSOP
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2624IGN Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC2624IGN Datasheet HTML 8Page - Linear Technology LTC2624IGN Datasheet HTML 9Page - Linear Technology LTC2624IGN Datasheet HTML 10Page - Linear Technology LTC2624IGN Datasheet HTML 11Page - Linear Technology LTC2624IGN Datasheet HTML 12Page - Linear Technology LTC2624IGN Datasheet HTML 13Page - Linear Technology LTC2624IGN Datasheet HTML 14Page - Linear Technology LTC2624IGN Datasheet HTML 15Page - Linear Technology LTC2624IGN Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
16
LTC2604/LTC2614/LTC2624
2604f
PART NUMBER
DESCRIPTION
COMMENTS
LTC1458/LTC1458L
Quad 12-Bit Rail-to-Rail Output DACs with Added Functionality
LTC1458: VCC = 4.5V to 5.5V, VOUT = 0V to 4.096V
LTC1458L: VCC = 2.7V to 5.5V, VOUT = 0V to 2.5V
LTC1654
Dual 14-Bit Rail-to-Rail VOUT DAC
Programmable Speed/Power, 3.5
µs/750µA, 8µs/450µA
LTC1655/LTC1655L
Single 16-Bit VOUT DAC with Serial Interface in SO-8
VCC = 5V(3V), Low Power, Deglitched
LTC1657/LTC1657L
Parrallel 5V/3V 16-Bit VOUT DAC
Low Power, Deglitched, Rail-to-Rail VOUT
LTC1660/LTC1665
Octal 8/10-Bit VOUT DAC in 16-Pin Narrow SSOP
VCC = 2.7V to 5.5V, Micropower, Rail-to-Rail Output
LTC1821
Parallel 16-Bit Voltage Output DAC
Precision 16-Bit Settling in 2
µs for 10V Step
LTC2600/LTC2610/LTC2620
Octal 16-/14-/12-Bit Rail-to-Rail DACs in 16-Lead SSOP
250
µA per DAC, 2.5V to 5.5V Supply Range
LTC2602/LTC2612/LTC2622
Dual 16-/14-/12-Bit Rail-to-Rail DACs in 8-Lead MSOP
300
µA per DAC, 2.5V to 5.5V Supply Range
© LINEAR TECHNOLOGY CORPORATION 2004
LT/TP 0304 1K • PRINTED IN THE USA
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 q FAX: (408) 434-0507 q www.linear.com
RELATED PARTS
TYPICAL APPLICATIO
Figure 4. Using DAC A and DAC B for Nearly Continuous Attenuation Control and DAC C and
DAC D to Trim for Minimum LO Feedthrough in a Mixer.
0
°
90
°
I + Q
MODULATOR
RF
LO
Q INPUT
I INPUT
5V
5V
5V
5V
70MHz IN
OUT
1k
10k
10k
1k
10k
10k
20k
0.1
µF
0.01
µF
0.01
µF
20
Ω
49.9
Ω
49.9
Ω
49.9
Ω
ZC830
ZC830
47pF
10pF
20pF
*ZETEX
(516) 543-7100
OPTIONAL
5V
5V
LTC2604
CS/LD
SCK
SDI
DAC D
DAC B
OPTIONAL
DAC C
DAC A
0.1
µF
0.1
µF
20k
100k
2.74k
1%
2.74k
1%
2.74k
1%
2.74k
1%
100k
2.74k
1%
2.74k
1%
2.74k
1%
2.74k
1%
0.1
µF
2604 F04



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com