Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2624IGN Datasheet(PDF) 2 Page - Linear Technology

Part # LTC2624IGN
Description  Quad 16-Bit Rail-to-Rail DACs in 16-Lead SSOP
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2624IGN Datasheet(HTML) 2 Page - Linear Technology

  LTC2624IGN Datasheet HTML 1Page - Linear Technology LTC2624IGN Datasheet HTML 2Page - Linear Technology LTC2624IGN Datasheet HTML 3Page - Linear Technology LTC2624IGN Datasheet HTML 4Page - Linear Technology LTC2624IGN Datasheet HTML 5Page - Linear Technology LTC2624IGN Datasheet HTML 6Page - Linear Technology LTC2624IGN Datasheet HTML 7Page - Linear Technology LTC2624IGN Datasheet HTML 8Page - Linear Technology LTC2624IGN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
LTC2604/LTC2614/LTC2624
2604f
PSR
Power Supply Rejection
VCC = 5V ±10%
–80
dB
VCC = 3V ±10%
–80
dB
ROUT
DC Output Impedance
VREF = VCC = 5V, Midscale; –15mA ≤ IOUT ≤ 15mA
q
0.025
0.15
Ω
VREF = VCC = 2.5V, Midscale; –7.5mA ≤ IOUT ≤ 7.5mA q
0.030
0.15
Ω
A
G
A
U
A
R
BSOLUTEXI
TI
S
ORDER PART
NUMBER
PACKAGE/ORDER I FOR ATIO
TJMAX = 125°C, θJA = 150°C/W
(Note 1)
Any Pin to GND ........................................... – 0.3V to 6V
Any Pin to VCC ............................................ – 6V to 0.3V
Maximum Junction Temperature ......................... 125
°C
Operating Temperature Range
LTC2604/LTC2614/LTC2624C ............... 0
°C to 70°C
LTC2604/LTC2614/LTC2624I ............ – 40
°C to 85°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec)................ 300
°C
GN PART MARKING
ELECTRICAL C
C
HARA TERISTICS
LTC2604CGN
LTC2604IGN
LTC2614CGN
LTC2614IGN
LTC2624CGN
LTC2624IGN
Consult LTC Marketing for parts specified with wider operating temperature ranges.
1
2
3
4
5
6
7
8
TOP VIEW
GN PACKAGE
16-LEAD PLASTIC SSOP
16
15
14
13
12
11
10
9
GND
REF LO
REF A
VOUT A
VOUT B
REF B
CS/LD
SCK
VCC
REF D
VOUT D
VOUT C
REF C
CLR
SDO
SDI
2604
2604I
2614
2614I
2624
2624I
The q denotes specifications which apply over the full operating temperature range, otherwise specifications
are at TA = 25°C. REF A = REF B = REF C = REF D = 4.096V (VCC = 5V), REF A = REF B = REF C = REF D = 2.048V (VCC = 2.5V),
REF LO = 0V, VOUT unloaded, unless otherwise noted.
LTC2604/LTC2614/LTC2624
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
LTC2624
LTC2614
LTC2604
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
DC Performance
Resolution
q
12
14
16
Bits
Monotonicity
(Note 2)
q
12
14
16
Bits
DNL
Differential Nonlinearity
(Note 2)
q
±0.5
±1
±1
LSB
INL
Integral Nonlinearity
(Note 2)
q
±0.9 ±4
±4
±16
±14 ±64
LSB
Load Regulation
VREF = VCC = 5V, Midscale
IOUT = 0mA to 15mA Sourcing
q
0.025 0.125
0.1
0.5
0.3
2
LSB/mA
IOUT = 0mA to 15mA Sinking
q
0.025 0.125
0.1
0.5
0.3
2
LSB/mA
VREF = VCC = 2.5V, Midscale
IOUT = 0mA to 7.5mA Sourcing
q
0.05
0.25
0.2
1
0.7
4
LSB/mA
IOUT = 0mA to 7.5mA Sinking
q
0.05
0.25
0.2
1
0.7
4
LSB/mA
ZSE
Zero-Scale Error
q
1.5
9
1.5
9
1.5
9
mV
VOS
Offset Error
(Note 7)
q
±1.5
±9
±1.5
±9
±1.5
±9mV
VOS Temperature
±5
±5
±5
µV/°C
Coefficient
GE
Gain Error
q
±0.1 ±0.7
±0.1 ±0.7
±0.1 ±0.7
%FSR
Gain Temperature
±5
±5
±5
ppm/
°C
Coefficient



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com