Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP28115DQ Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP28115DQ
Description  4A, 6V, Synchronous Step-Down Switching Regulator EV Board
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP28115DQ Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP28115DQ Datasheet HTML 1Page - Monolithic Power Systems MP28115DQ Datasheet HTML 2Page - Monolithic Power Systems MP28115DQ Datasheet HTML 3Page - Monolithic Power Systems MP28115DQ Datasheet HTML 4Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
EV28115DQ-00C
4A, 6V, Synchronous
Step-Down Switching Regulator EV Board
EV28115DQ-00C Rev. 1.0
www.MonolithicPower.com
1
10/12/2009
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2009 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The EV28115DQ-00C is an evaluation board for
the MP28115. The MP28115 delivers 4A
continuous load current over an operating input
voltage 2.7V to 6.0V. The output is adjustable over
a range of 0.8V to 0.9xVIN by means of an external
resistor from FB pin to ground.
The current mode control used in MP28115
provides fast transient response and cycle-by-
cycle current limiting. The EV board will go into
hiccup mode to protect against over current/short
circuit.
This EV board can be turned on or shut down via a
remote ON/OFF input that is referenced to ground.
This input is compatible with popular logic devices.
This EV board also has power good indicator. The
output of POK is pulled to ground when output
voltage is under or over 10% of its setting voltage.
ELECTRICAL SPECIFICATIONS
Parameter
Symbol
Value
Units
Input Voltage
VIN
2.7 – 6.0
V
Output Voltage
VOUT
1.8
V
Output Current
IOUT
4
A
FEATURES
• 4A Output Current
• 2.7V to 6.0V Operating Input Range
• Built-in Soft Start
• Adjustable Output from 0.8V to 0.9xVIN
• Fully Assembled and Tested
APPLICATIONS
• µP/ASIC/DSP/FPGA Core and I/O Supplies
• Printers and LCD TVs
• Network and Telecom Equipment
• Point of Load Regulators
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
EV28115DQ–00C EVALUATION BOARD
(L x W x H) 2.4” x 2.0” x 0.5”
(6.1cm x 5.1cm x 1.4 cm)
Board Number
MPS IC Number
EV28115DQ-00C
MP28115DQ
70
65
60
75
80
85
90
95
100
OUTPUT CURRENT (A)
0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5


Similar Part No. - MP28115DQ

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP28115DQ MPS-MP28115DQ Datasheet
333Kb / 11P
4A, 1.5MHz Synchronous Step-Down Converter
MP28115DQ MPS-MP28115DQ Datasheet
182Kb / 4P
4A, 6V, Synchronous Step-Down Switching Regulator EV Board
MP28115DQ MPS-MP28115DQ Datasheet
196Kb / 4P
4A, 6V, Synchronous Step-Down Switching Regulator EV Board
More results

Similar Description - MP28115DQ

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L5988 STMICROELECTRONICS-L5988 Datasheet
114Kb / 10P
4A step-down switching regulator with synchronous rectification
08-Aug-2006
logo
Semtech Corporation
SC185 SEMTECH-SC185 Datasheet
946Kb / 18P
4A Synchronous Step-Down Regulator
logo
Linear Technology
LT3690 LINER-LT3690 Datasheet
2Mb / 28P
36V, 4A, 1.5MHz Synchronous Step-Down Switching Regulator
logo
Monolithic Power System...
MP2107 MPS-MP2107 Datasheet
432Kb / 14P
4A, 6V Synchronous Step-Down Switching Regulator
MP2119 MPS-MP2119 Datasheet
466Kb / 12P
2A, 6V Synchronous Step-Down Switching Regulator
logo
Semtech Corporation
SC186 SEMTECH-SC186 Datasheet
1Mb / 18P
4A Synchronous Step-Down Regulator
logo
Monolithic Power System...
EV28115DQ-00B MPS-EV28115DQ-00B Datasheet
182Kb / 4P
4A, 6V, Synchronous Step-Down Switching Regulator EV Board
EV28115DQ-01C MPS-EV28115DQ-01C Datasheet
196Kb / 4P
4A, 6V, Synchronous Step-Down Switching Regulator EV Board
EV9151-D-00A MPS-EV9151-D-00A Datasheet
562Kb / 5P
20V, 4A 800kHz Synchronous Step-down Converter EV Board
logo
Maxim Integrated Produc...
MAX20808 MAXIM-MAX20808 Datasheet
1Mb / 27P
Dual-Output 4A, 3MHz, 2.7V??6V Step-Down Switching Regulator
19-101082; Rev 0; 5/21
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com