Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

118AHT Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # 118AHT
Description  Aluminum electrolytic capacitors Axial High Temperature
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

118AHT Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button 118AHT Datasheet HTML 2Page - List of Unclassifed Manufacturers 118AHT Datasheet HTML 3Page - List of Unclassifed Manufacturers 118AHT Datasheet HTML 4Page - List of Unclassifed Manufacturers 118AHT Datasheet HTML 5Page - List of Unclassifed Manufacturers 118AHT Datasheet HTML 6Page - List of Unclassifed Manufacturers 118AHT Datasheet HTML 7Page - List of Unclassifed Manufacturers 118AHT Datasheet HTML 8Page - List of Unclassifed Manufacturers 118AHT Datasheet HTML 9Page - List of Unclassifed Manufacturers 118AHT Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
ELECTRICAL DATA AND ORDERING INFORMATION
Unless otherwise specified, all electrical values in Table 3 apply at Tamb =20 °C,
P = 86 to 106 kPa, RH = 45 to 75%.
CR
rated capacitance at 100 Hz, tolerance
±20%
IR
rated RMS ripple current at 100 Hz, 125
°C
IL1
max. leakage current after 1 minute at UR
IL5
max. leakage current after 5 minutes at UR
Tan
δ
max. dissipation factor at 100 Hz
ESR
equivalent series resistance at 100 Hz (calculated from tan
δmax and CR)
Z
max. impedance at 10 kHz
Ordering example
Electrolytic capacitor 118 series
1000
µF/10 V; ±20%
Nominal case size:
∅10 × 30 mm; Form BR
Catalogue number: 2222 118 24102.
Table 3
Electrical data and ordering information; preferred types in bold
UR
(V)
CR
100 Hz
(
µF)
NOMINAL
CASE SIZE
∅D × L
(mm)
CASE
CODE
IR
100 Hz
125
°C
(mA)
IL1
1min
(
µA)
IL5
5min
(
µA)
Tan
δ
100 Hz
ESR
100 Hz
(
Ω)
Z
10 kHz
(
Ω)
CATALOGUE NUMBER 2222 ... .....
IN BOX
FORM AA
TAPED ON
REEL
FORM BR
TAPED IN
BOX
FORM BA
MOUNTING
RING
FORM MR
6.3
1000
10
× 18
6
251
42
17
0.50
0.79
0.8
−
118 23102
118 33102
−
1500
10
× 25
7
352
61
23
0.50
0.53
0.53
−
118 90502
118 90503
−
10
220
6.5
× 18
4
109
20
8.4
0.35
2.53
2.1
−
118 24221
118 34221
−
330
8
× 18
5
150
24
11
0.35
1.69
1.4
−
118 24331
118 34331
−
470
8
× 18
5
179
32
13
0.35
1.19
1.0
−
118 24471
118 34471
−
1000
10
× 25
7
343
64
24
0.35
0.56
0.55
−
118 90504
118 90505
−
1000
10
× 30
00
550
64
24
0.32
0.505
0.45
118 14102
118 24102
−−
1500
12.5
× 30
01
740
94
34
0.32
0.340
0.28
118 14152
118 24152
−−
2200
12.5
× 30
01
830
136
48
0.40
0.290
0.27
118 14222
118 24222
−−
3300
15
× 30
02
1070
202
70
0.40
0.190
0.18
118 14332
118 24332
−
118 44332
4700
18
× 30
03
1350
2 86
98
0.46
0.155
0.15
118 14472
−−
118 44472
6800
18
× 38
04
1730
412
140
0.53
0.100
0.10
118 14682
−−
118 44682
10000
21
× 38
05
1860
604
200
0.53
0.084
0.10
118 14103
−−
118 44103
16
220
8
× 18
5
145
25
11
0.25
1.81
1.5
−
118 25221
118 35221
−
330
10
× 18
6
204
36
15
0.25
1.21
1.2
−
118 25331
118 35331
−
470
10
× 18
6
243
49
19
0.25
0.85
0.83
−
118 25471
118 35471
−
680
10
× 30
00
510
69
30
0.22
0.525
0.45
118 15681
118 25681
−−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com