Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

118AHT Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # 118AHT
Description  Aluminum electrolytic capacitors Axial High Temperature
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

118AHT Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button 118AHT Datasheet HTML 7Page - List of Unclassifed Manufacturers 118AHT Datasheet HTML 8Page - List of Unclassifed Manufacturers 118AHT Datasheet HTML 9Page - List of Unclassifed Manufacturers 118AHT Datasheet HTML 10Page - List of Unclassifed Manufacturers 118AHT Datasheet HTML 11Page - List of Unclassifed Manufacturers 118AHT Datasheet HTML 12Page - List of Unclassifed Manufacturers 118AHT Datasheet HTML 13Page - List of Unclassifed Manufacturers 118AHT Datasheet HTML 14Page - List of Unclassifed Manufacturers 118AHT Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
2002 Jun 07
11
BCcomponents
Product specification
Aluminum electrolytic capacitors
Axial High Temperature
118 AHT
Capacitance (C)
Fig.5 Typical multiplier of capacitance as a function of ambient temperature.
Curve 1: 63 V.
Curve 2: 6.3 V.
C0 = capacitance at 20 °C, 100 Hz.
Case
∅D × L= 6.5 × 18 to 10 × 25 mm.
MGB228
0
50
100
1
10
10
50
Tamb ( C)
o
ESR 0
ESR
1
2
2
10
1
Fig.6 Typical multiplier of capacitance as a function of ambient temperature.
Curve 1: 100 V; 200 V.
Curve 2: 40 V; 63 V.
Curve 3: 16 V; 25 V.
Curve 4: 6.3 V; 10 V.
C0 = capacitance at 20 °C, 100 Hz.
Case
∅D × L= 10 × 30 to 21 × 38 mm.
60
0
20
MGB239
40
40
60
80
T amb ( C)
o
0.6
0.7
0.8
0.9
1.0
1.1
100
160
1.2
20
120
140
3
4
4
C
0
C
1
2
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com