Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

118AHT Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # 118AHT
Description  Aluminum electrolytic capacitors Axial High Temperature
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

118AHT Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button 118AHT Datasheet HTML 9Page - List of Unclassifed Manufacturers 118AHT Datasheet HTML 10Page - List of Unclassifed Manufacturers 118AHT Datasheet HTML 11Page - List of Unclassifed Manufacturers 118AHT Datasheet HTML 12Page - List of Unclassifed Manufacturers 118AHT Datasheet HTML 13Page - List of Unclassifed Manufacturers 118AHT Datasheet HTML 14Page - List of Unclassifed Manufacturers 118AHT Datasheet HTML 15Page - List of Unclassifed Manufacturers 118AHT Datasheet HTML 16Page - List of Unclassifed Manufacturers 118AHT Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
2002 Jun 07
13
BCcomponents
Product specification
Aluminum electrolytic capacitors
Axial High Temperature
118 AHT
Equivalent series resistance (ESR)
Curve 1: 100 V; 200 V.
Curve 2:25 V; 40V;63 V.
Curve 3: 6.3 V; 10 V; 16 V.
ESR0 = typical at 20 °C; 100 Hz.
Case
∅D × L= 6.5 × 18 to 15 × 30 mm.
Fig.9 Typical multiplier of ESR as a function of ambient temperature.
MGB242
0
150
50
100
1
10
50
100
Tamb ( C)
o
ESR 0
ESR
102
10 1
1
2
3
Fig.10 Typical multiplier of ESR as a function of ambient temperature.
Curve 1: 6.3 V; 10 V; 16 V.
Curve 2:25 V; 40V;63 V.
Curve 3: 100 V; 200 V.
ESR0 = typical at 20 °C; 100 Hz.
Case
∅D × L= 18 × 30 to 21 × 38 mm.
MGB243
0
150
50
100
1
10
50
100
Tamb ( C)
o
3
ESR 0
ESR
10 2
10 1
1
2
1
2
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com