Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLE66R01PC Datasheet(PDF) 39 Page - Infineon Technologies AG

Part # SLE66R01PC
Description  Intelligent 1216 bit EEPROM with Contactless Interface compliant
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SLE66R01PC Datasheet(HTML) 39 Page - Infineon Technologies AG

Back Button SLE66R01PC Datasheet HTML 35Page - Infineon Technologies AG SLE66R01PC Datasheet HTML 36Page - Infineon Technologies AG SLE66R01PC Datasheet HTML 37Page - Infineon Technologies AG SLE66R01PC Datasheet HTML 38Page - Infineon Technologies AG SLE66R01PC Datasheet HTML 39Page - Infineon Technologies AG SLE66R01PC Datasheet HTML 40Page - Infineon Technologies AG SLE66R01PC Datasheet HTML 41Page - Infineon Technologies AG SLE66R01PC Datasheet HTML 42Page - Infineon Technologies AG SLE66R01PC Datasheet HTML 43Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 55 page
background image
my-d™ move / my-d™ move NFC
SLE 66R01P / SLE 66R01PN
Command Set
Data Book
39 / 55
2011-11-24
8
Command Set
8.1
Supported ISO/IEC 14443-3 Type A Command Set
The following table describes the ISO/IEC 14443-3 Type A command set which is supported by the SLE 66R01P
and SLE 66R01PN.
For a detailed command description refer to the ISO/IEC 14443-3 Type A functional specification.
8.2
Memory Access Command Set
The command set of the SLE 66R01P and SLE 66R01PN comprises the NFC Forum™ Type 2 Tag commands
as well as proprietary commands which are additionally implemented to increase data transaction time and
increase the protection of the data stored in the memory.
The following table lists the memory access command set of the SLE 66R01P and SLE 66R01PN.
Table 13
ISO/IEC 14443-3 Type A Command Set
Command
Abbreviation Op-Code
Description
Request A
REQA
26
H
Short Frame Command Type A request to all ISO/IEC 14443-
3 Type A compatible chips in IDLE State
Wake Up A
WUPA
52
H
Short Frame Command,Type A Wake Up request to all
ISO/IEC 14443-3 Type A compatible chips
Anticollision
AC
93
H NVBH
95
H NVBH
Cascade level 1 with the Number of Valid Bits
Cascade level 2 with the Number of Valid Bits
Select
SELA
93
H 70H,
95
H 70H
Select the UID of Cascade level 1
Select the UID of Cascade level 2
HaltA
HLTA
50
H
Set a chip to a HALT State
Important remark: The parameter field of the HLTA command
represents the valid address range which is 00
H -25H.
Table 14
my-d™ move and my-d™ move NFC memory access command set
Command
Abbreviation Op-Code Description
Read 4 Blocks
1)
RD4B
30
H
This command reads 16 bytes data out of the memory starting from
the specified address.
A Roll-Back mechanism is implemented:
- if block 0F
H is reached the read continues from block 00H
- if block 25
H is reached the read continues from block 00H
Write 1 Block
2)
WR1B
A2
H
If write access is granted, this command programs 4 bytes data to
the specified memory address.
Compatibility
Write Command
CPTWR
A0
H
This command sends 16 bytes to the SLE 66R01P and
SLE 66R01PN but writes only the first 4 bytes of the incoming data
to the specified memory address.
Read 2 Blocks
3)
RD2B
31
H
This command reads 8 bytes out of the memory, starting from the
specified address. A Roll-Back mechanism is implemented:
- if block 0F
H is addressed, the read continues from block 00H
- if block 25
H is addressed, the read continues from block 00H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com