Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLE66R01PC Datasheet(PDF) 12 Page - Infineon Technologies AG

Part # SLE66R01PC
Description  Intelligent 1216 bit EEPROM with Contactless Interface compliant
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SLE66R01PC Datasheet(HTML) 12 Page - Infineon Technologies AG

Back Button SLE66R01PC Datasheet HTML 8Page - Infineon Technologies AG SLE66R01PC Datasheet HTML 9Page - Infineon Technologies AG SLE66R01PC Datasheet HTML 10Page - Infineon Technologies AG SLE66R01PC Datasheet HTML 11Page - Infineon Technologies AG SLE66R01PC Datasheet HTML 12Page - Infineon Technologies AG SLE66R01PC Datasheet HTML 13Page - Infineon Technologies AG SLE66R01PC Datasheet HTML 14Page - Infineon Technologies AG SLE66R01PC Datasheet HTML 15Page - Infineon Technologies AG SLE66R01PC Datasheet HTML 16Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 55 page
background image
my-d™ move / my-d™ move NFC
SLE 66R01P / SLE 66R01PN
Scope of my-d™ move / my-d™ move NFC
Data Book
12 / 55
2011-11-24
3
Scope of my-d™ move / my-d™ move NFC
The SLE 66R01P and SLE 66R01PN are part of the Infineon my-d™ product family and support Infineon’s
transport and ticketing strategy and are designed to meet the requirements of NFC applications.
They are compliant to ISO/IEC 14443-3 Type A, to ISO/IEC 18092 and to NFC Forum™ Type 2 Tag Operation.
3.1
Circuit Description
The SLE 66R01P and SLE 66R01PN are made up of an EEPROM memory unit, an analog interface for
contactless operation, a data transmission path and a control unit. The following diagram shows the main blocks
of the SLE 66R01P and SLE 66R01PN.
Figure 2
Block Diagram of the SLE 66R01P and SLE 66R01PN
The SLE 66R01P and SLE 66R01PN comprise the following three parts:
•
Analog Contactless Interface
– The Analog Contactless Interface contains the voltage rectifier, voltage regulator and system clock to supply
the IC with appropriate power. Additionally the data stream is modulated and demodulated.
•
Memory Unit
– The Memory Unit consists of 38 blocks of 4 bytes each.
•
Control Unit
– The Control Unit decodes and executes all commands. Additionally the control unit is responsible for the
correct anticollision flow.
POWER
Control Unit
Memory
Access
IO
Command
Analog
Contactless
Interface
LB
LA
Anticollision
DATA
Power Circuit
Rectifier
Clock Extractor
Voltage Regulator
Power on Reset
CLOCK
Parallel
Serial
Memory Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com